Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMX710 Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce DMX710
Description  DMX512 Transmitter with 6/8/12 digital or analoge inputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DMX710 Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  DMX710 Datasheet HTML 1Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 2Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 3Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 4Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 5Page - List of Unclassifed Manufacturers DMX710 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMX710
© 2005 Markus Siwek
WWW.DMX4ALL.DE
4
DEVICE CONFIGURATION EXAMPELS
Oscilator Configurations
C1
C2
X0
X1
GND
Q1
This example illustrates how to use the DMX710 with a 8MHz crystal. The value of
the capacitors should be in the range of 12-33pF.
Digital And Analog Input Configuration
DIGITAL IN
ANALOG IN
VCC
Some of the pins of the DMX710 can be used as digital or analog inputs. In the digital
mode you have to connect a switch to GND. The analoge mode permit a signal from
GND to VCC.
DMX Interface Configuration
SN75176
DMX710
DMX OUT
DTC IN
DMX710
DMX OUT
DTC IN
8Mhz
Oszillator
X0
X0
The DMX710 is cascadeable, as the DMX exit is connected with the DTC entrance of
the next component. The last DMX exit goes to a line driver. It is possible to use one
oszillator for all DMX710.



Html Pages

1 2 3 4 5 6