Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SE004 Fiches technique(PDF) 3 Page - Pico Technology Ltd.

No de pièce SE004
Description  Cloud-connected 8-channel thermocouple data logger
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

SE004 Fiches technique(HTML) 3 Page - Pico Technology Ltd.

  SE004 Datasheet HTML 1Page - Pico Technology Ltd. SE004 Datasheet HTML 2Page - Pico Technology Ltd. SE004 Datasheet HTML 3Page - Pico Technology Ltd. SE004 Datasheet HTML 4Page - Pico Technology Ltd. SE004 Datasheet HTML 5Page - Pico Technology Ltd. SE004 Datasheet HTML 6Page - Pico Technology Ltd. SE004 Datasheet HTML 7Page - Pico Technology Ltd. SE004 Datasheet HTML 8Page - Pico Technology Ltd. SE004 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
USB TC-08 thermocouple data logger
PicoLog Cloud software – straightforward from the start
PicoLog Cloud is a complete data acquisition software package for the TC-08 data logger, and is fully compatible with Windows, macOS, Linux and Raspberry Pi OS. With its clear
and user-friendly layout, ideal for use with a mouse or a touchscreen, PicoLog 6 allows you to set up the logger and start recording with just a few clicks of the mouse, whatever
your level of data logging experience. Set up simple or advanced acquisitions quickly, and record, view and analyze your data with ease.
Pullout information
panel
Manage your channel
and axis settings,
alarms, notes and
capture information
in this easy-to-read
layout. Close the panel
to make more room
for the capture graph,
and reopen it at any
time.
Multiple devices
Log data on up to
20 data loggers or
oscilloscopes at the
same time. Here, three
separate data loggers
are in use: two TC-08s
and one ADC-24
voltage input logger.
Pan and zoom controls
Zoom in, zoom out, zoom to a
selection or pan through the
data with these tools. If you
make a mistake, just click Undo.
Cursors and annotations
Use cursors to highlight the data
value and time at any point on the
graph, or click Add annotation to
mark that point with a text note.
Data view
Display all the data collected
so far or keep the graph scale
the same and pan along as
new samples appear.
Give instant feedback
We want to hear from
you! Click here to
contact Pico with your
comments.
Device settings view
Easily set up and
adjust acquisition and
math channels on one
or more data loggers
and check their status
at a glance.
Cloud captures
Displays a list and
preview of all cloud
captures associated
with your PicoLog
Cloud account.
Graph view
Display your data
in real time, as it is
collected, on up to
four independent
Y axes simultaneously:
set them up by
dragging and dropping
the entries in the
Channels & Axes
panel on the right.
Save and Export options
Copy your graph to the clipboard, save it
as a PDF, export the raw data to a CSV
file, or save the data and configuration
as a robust .picolog database file.
Capture control
Record, Pause
or Reset.
Notes & annotations
Add notes about the dataset
as a whole or annotations
about particular points on
the graph.
Alarms
Set up alarms to alert you to a range
of events. Alarms can take the
form of sounds, visual notifications,
graph annotations and more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11