| Moteur de recherche de fiches techniques de composants électroniques |
|
PQ219 Fiches technique(PDF) 21 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
PQ219 Fiches technique(HTML) 21 Page - Pico Technology Ltd. |
|
21 / 39 page ![]() PicoScope® 6000E Series Time-stamping The PicoScope 6000E Series features hardware-based trigger time-stamping. Each waveform can be time-stamped with the time in sample intervals from the previous waveform. Fast trigger rearm times are possible down to 300 ns (typical). Hardware acceleration engine (HAL4) Some oscilloscopes struggle when you enable deep memory; the screen update rate slows and the controls become unresponsive. The PicoScope 6000E Series avoids this limitation with the use of a dedicated fourth-generation hardware acceleration (HAL4) engine inside the oscilloscope. Its massively parallel design effectively creates the waveform image to be displayed on the PC screen and allows the continuous capture and display to the screen of 2.5 billion samples every second. The hardware acceleration engine eliminates any concerns about the USB connection or PC processor performance being a bottleneck. Time from first trigger in circular buffer to current trigger Time from previous trigger to current trigger |