Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA375 Fiches technique(PDF) 13 Page - Pico Technology Ltd.

No de pièce TA375
Description  PC oscilloscopes and MSOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA375 Fiches technique(HTML) 13 Page - Pico Technology Ltd.

Back Button TA375 Datasheet HTML 9Page - Pico Technology Ltd. TA375 Datasheet HTML 10Page - Pico Technology Ltd. TA375 Datasheet HTML 11Page - Pico Technology Ltd. TA375 Datasheet HTML 12Page - Pico Technology Ltd. TA375 Datasheet HTML 13Page - Pico Technology Ltd. TA375 Datasheet HTML 14Page - Pico Technology Ltd. TA375 Datasheet HTML 15Page - Pico Technology Ltd. TA375 Datasheet HTML 16Page - Pico Technology Ltd. TA375 Datasheet HTML 17Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
PicoScope 3000 Series
Mixed signal models
The PicoScope 3000 MSO models add 16 digital channels to the two or four analog channels, enabling you to accurately time-correlate analog and digital channels. Digital channels
may be grouped and displayed as a bus, with each bus value displayed in hex, binary or decimal or as a level (for DAC testing). You can set advanced triggers across both the analog
and digital channels.
The digital inputs also bring extra power to the serial decoding options. You can decode serial data on all analog and digital channels simultaneously, giving you up to 20 channels
of data – for example decoding multiple SPI, I²C, CAN bus, LIN bus and FlexRay signals all at the same time.
Oscilloscope controls:
PicoScope’s full analog-domain
controls, including zoom, filtering,
and function generator, are all
available in MSO digital signal mode.
Advanced triggers:
Additional Digital and
Logic trigger options
are available for digital
channels.
Rename:
The digital channels and
groups can be renamed.
You can expand or
collapse groups in the
digital view.
Rulers:
Drawn across both
analog and digital
panes so signal timings
can be compared.
Analog waveforms:
View analog waveforms
time-correlated with
digital inputs.
Split-screen display:
PicoScope can display both analog and
digital signals at the same time. The split-
screen display can be adjusted to give more
or less space to the analog waveforms.
Digital channels button:
Set up and display digital inputs.
View analog and digital signals
on the same timebase.
Show by level:
Group bits into fields
and then display as
an analog level.
Display format:
Display selected bits
individually or as
groups in binary, hex
or decimal format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28