Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PQ221 Fiches technique(PDF) 20 Page - Pico Technology Ltd.

No de pièce PQ221
Description  Smarter scopes for faster debug
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ221 Fiches technique(HTML) 20 Page - Pico Technology Ltd.

Back Button PQ221 Datasheet HTML 16Page - Pico Technology Ltd. PQ221 Datasheet HTML 17Page - Pico Technology Ltd. PQ221 Datasheet HTML 18Page - Pico Technology Ltd. PQ221 Datasheet HTML 19Page - Pico Technology Ltd. PQ221 Datasheet HTML 20Page - Pico Technology Ltd. PQ221 Datasheet HTML 21Page - Pico Technology Ltd. PQ221 Datasheet HTML 22Page - Pico Technology Ltd. PQ221 Datasheet HTML 23Page - Pico Technology Ltd. PQ221 Datasheet HTML 24Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
PicoScope® 6000E Series
Digital triggering architecture
Many digital oscilloscopes still use an analog trigger
architecture based on comparators. This causes time and
amplitude errors that cannot always be calibrated out and
often limits the trigger sensitivity at high bandwidths.
In 1991 Pico pioneered the use of fully digital triggering
using the actual digitized data. This technique reduces
trigger errors and allows our oscilloscopes to trigger on the
smallest signals, even at the full bandwidth. Trigger levels and
hysteresis can be set with high precision and resolution.
Advanced triggers
The PicoScope 6000E Series offers an industry-leading set
of advanced trigger types including pulse width, runt pulse,
windowed, logic and dropout.
The digital trigger available during MSO operation allows you
to trigger the scope when any or all of the 16 digital inputs
match a user-defined pattern. You can specify a condition for
each channel individually, or set up a pattern for all channels
at once using a hexadecimal or binary value.
You can also use the logic trigger to combine the digital
trigger with an edge or window trigger on any of the analog
inputs, for example to trigger on data values in a clocked
parallel bus.
Alarms
PicoScope can be programmed to execute actions when certain events occur.
The events that can trigger an alarm include mask limit fails, trigger events and buffers full.
The actions that PicoScope can execute include saving a file, playing a sound, executing a program
and triggering the signal generator or the AWG.
Alarms, coupled with mask limit testing, help create a powerful and time-saving waveform
monitoring tool. Capture a known good signal, auto-generate a mask around it and then use the
alarms to automatically save any waveform (complete with a time/date stamp) that does not meet
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com