Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PS008 Fiches technique(PDF) 6 Page - Pico Technology Ltd.

No de pièce PS008
Description  Crystal-clear waveform analysis
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PICO [Pico Technology Ltd.]
Site Internet  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PS008 Fiches technique(HTML) 6 Page - Pico Technology Ltd.

Back Button PS008 Datasheet HTML 2Page - Pico Technology Ltd. PS008 Datasheet HTML 3Page - Pico Technology Ltd. PS008 Datasheet HTML 4Page - Pico Technology Ltd. PS008 Datasheet HTML 5Page - Pico Technology Ltd. PS008 Datasheet HTML 6Page - Pico Technology Ltd. PS008 Datasheet HTML 7Page - Pico Technology Ltd. PS008 Datasheet HTML 8Page - Pico Technology Ltd. PS008 Datasheet HTML 9Page - Pico Technology Ltd. PS008 Datasheet HTML 10Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
PicoScope® 4000A Series
Spectrum analyzer
With the click of a button, you can open a new window to display a spectrum
plot of selected channels up to the full bandwidth of the oscilloscope. A
comprehensive range of settings gives you control over the number of
spectrum bands, window types and display modes.
A comprehensive set of automatic frequency-domain measurements can
be added to the display, including THD, THD+N, SINAD, SNR, SFDR and IMD.
You can even use the AWG and spectrum mode together to perform swept
scalar network analysis, and you can apply mask testing to the spectrum
display to speed up fault-finding.
Math channels
With PicoScope 6 you can perform a variety of mathematical calculations on
your input signals and reference waveforms.
Use the built-in list for simple functions such as addition and inversion,
or open the equation editor and create complex functions involving
trigonometry, exponentials, logarithms, statistics, integrals and derivatives,
filters, averaging and peak-detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21