| Moteur de recherche de fiches techniques de composants électroniques |
|
CM3 Fiches technique(PDF) 3 Page - Pico Technology Ltd. |
|
|
|||||||||||||||||||||||||||||
CM3 Fiches technique(HTML) 3 Page - Pico Technology Ltd. |
|
3 / 9 page ![]() PicoLog® CM3 current data logger PicoLog Cloud software – straightforward from the start PicoLog is a complete data acquisition software package for the CM3 data logger, and is compatible with Windows, macOS, Linux and Raspberry Pi OS. With its clear and user- friendly layout, ideal for use with a mouse or a touchscreen, PicoLog allows you to set up the logger and start recording with just a few clicks of the mouse, whatever your level of data logging experience. Set up simple or advanced acquisitions quickly, and record, view and analyze your data with ease. Pan and zoom controls Zoom in, zoom out, zoom to a selection or pan through the data with these tools. If you make a mistake, just click Undo. Cursors and annotations Use cursors to highlight the data value and time at any point on the graph, or click Add annotation to mark that point with a text note. Data view Display all the data collected so far or keep the graph scale the same and pan along as new samples appear. Give instant feedback We want to hear from you! Click here to contact Pico with your comments. Graph view Display your data in real time, as it is collected, on up to four independent Y axes simultaneously: set them up by dragging and dropping the entries in the Channels & Axes panel on the right. Save and Export options Copy your graph to the clipboard, save it as a PDF, export the raw data to a CSV file, or save the data and configuration as a robust picolog database file. Capture controls Separate Record, Pause and Reset buttons make it harder to press any of them by mistake. Notes & annotations Add notes about the dataset as a whole or annotations about particular points on the graph. Multiple devices Log data on up to 20 devices at the same time. Here, three separate data loggers are in use: one CM3, one DrDAQ and one TC-08. Pullout information panel Manage your channel and axis settings, alarms, notes and capture information in this easy-to-read layout. Close the panel to make more room for the capture graph, and reopen it at any time. Alarms Set up alarms to alert you to a range of events. Alarms can take the form of sounds, visual notifications, graph annotations and more. Device settings, Graph and Table Easily set up and adjust acquisition and math channels on one or more data loggers and check their status at a glance. You can also select Graph view to see live data trend lines and Table view to see data in tabular form in real-time. Cloud captures Share your data for remote viewing |