Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S29PL-J55BAI011 Fiches technique(PDF) 83 Page - SPANSION

No de pièce S29PL-J55BAI011
Description  CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL-J55BAI011 Fiches technique(HTML) 83 Page - SPANSION

Back Button S29PL-J55BAI011 Datasheet HTML 79Page - SPANSION S29PL-J55BAI011 Datasheet HTML 80Page - SPANSION S29PL-J55BAI011 Datasheet HTML 81Page - SPANSION S29PL-J55BAI011 Datasheet HTML 82Page - SPANSION S29PL-J55BAI011 Datasheet HTML 83Page - SPANSION S29PL-J55BAI011 Datasheet HTML 84Page - SPANSION S29PL-J55BAI011 Datasheet HTML 85Page - SPANSION S29PL-J55BAI011 Datasheet HTML 86Page - SPANSION S29PL-J55BAI011 Datasheet HTML 87Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 96 page
background image
September 22, 2006 S29PL-J_00_A9
S29PL-J
81
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
21. Protect/Unprotect
Note
Not 100% tested.
Figure 21.1 Temporary Sector Unprotect Timing Diagram
Table 21.1 Temporary Sector Unprotect
Parameter
Description
All Speed Options
Unit
JEDEC
Std
tVIDR
VID Rise and Fall Time (See Note)
Min
500
ns
tVHH
VHH Rise and Fall Time (See Note)
Min
250
ns
tRSP
RESET# Setup Time for Temporary Sector Unprotect
Min
4
µs
tRRB
RESET# Hold Time from RY/BY# High for Temporary
Sector Unprotect
Min
4
µs
RESET#
tVIDR
VID
VIL or VIH
VID
VIL or VIH
CE#
WE#
RY/BY#
tVIDR
tRSP
Program or Erase Command Sequence
tRRB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96