| Moteur de recherche de fiches techniques de composants électroniques |
|
DAC1408D750 Fiches technique(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DAC1408D750 Fiches technique(HTML) 21 Page - Renesas Technology Corp |
|
21 / 96 page ![]() DAC1408D750 4 © IDT 2012. All rights reserved. Product data sheet Rev. 04 — 2 July 2012 21 of 96 Integrated Device Technology DAC1408D750 2 , 4 or 8 interpolating DAC with JESD204A 10.2.6 Frame assembly DAC1408D750 supports only /F/ = 1, which means that every frame clock period carries one byte per lane. Frame assembly combines the octet of lane_0 with the six MSB bits of lane_1 and reassembles the original 14-bit sample. The same is done for lane_2 and lane_3. Tail bits are dropped. The frame assembler also handles previously triggered errors. If scrambling is enabled: If a nit_err (not-in-table error) or kout_unexp (unexpected control character) occurs in lane_0 and/or lane_1, the previous 14-bit sample is repeated twice for I (lane_0, lane_1). The same is done for Q (lane_2, lane_3). If scrambling is disabled: If a nit_err (not-in-table error) or kout_unexp (unexpected control character) occurs in lane_0 and/or lane_1, the previous 14-bit sample is repeated once for I (lane_0, lane_1). The same is done for Q (lane_2, lane_3). |