| Moteur de recherche de fiches techniques de composants électroniques |
|
C01G2 Fiches technique(PDF) 25 Page - Norgren Ltd |
|
|
|||||||||||||||||||||||||||||
C01G2 Fiches technique(HTML) 25 Page - Norgren Ltd |
|
25 / 27 page ![]() Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd. Pneufit® C series PUSH-IN fittings, metric en 9.1.020.25 4/15 In-line non-return valve (in), taper thread C01G2 In-line non-return valve (in), ISO G thread C02G2 In-line non-return valve (out), taper thread C01G3 In-line non-return valve (out), ISO G thread C02G3 Ø A B C G Model 4 M5 31,5 3,5 10 C02G20405 4 G1/8 27,5 6 10 C02G20418 6 G1/8 32,5 6 12 C02G20618 8 G1/4 37 7 15 C02G20828 10 G3/8 54 8 22 C02G21038 12 G1/2 60,5 9 24 C02G21248 Ø A B C G Model 4 M5 31,5 3,5 10 C02G30405 4 G1/8 27,5 6 10 C02G30418 6 G1/8 32,5 6 12 C02G30618 8 G1/4 37 7 15 C02G30828 10 G3/8 54 8 22 C02G31038 12 G1/2 60,5 9 24 C02G31248 Ø A B C G Model 4 R1/8 27,5 8 10 C01G20418 6 R1/8 32,5 8 12 C01G20618 8 R1/4 37,5 10 14 C01G20828 Ø A B C G Weight (g) Model 4 R1/8 27,5 8 10 11 C01G30418 6 R1/8 32,5 8 12 16 C01G30618 8 R1/4 37,5 10 14 24 C01G30828 C IN G C OUT G G C IN G C OUT Ø A C Model 4 42 C00GL0400 6 47,5 C00GL0600 8 55,5 C00GL0800 Ø A C Model 10 65 C00GL1000 12 73 C00GL1200 C C In-line non-return valve (PBT) C00GL In-line non-return valve (Aluminium) C00GL Dimensions in mm Projection/First angle |