Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CON70 Fiches technique(PDF) 19 Page - Norgren Ltd

No de pièce CON70
Description  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CON70 Fiches technique(HTML) 19 Page - Norgren Ltd

Back Button CON70 Datasheet HTML 15Page - Norgren Ltd CON70 Datasheet HTML 16Page - Norgren Ltd CON70 Datasheet HTML 17Page - Norgren Ltd CON70 Datasheet HTML 18Page - Norgren Ltd CON70 Datasheet HTML 19Page - Norgren Ltd CON70 Datasheet HTML 20Page - Norgren Ltd CON70 Datasheet HTML 21Page - Norgren Ltd CON70 Datasheet HTML 22Page - Norgren Ltd CON70 Datasheet HTML 23Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
Pneufit® C series
PUSH-IN fittings, metric
en 9.1.020.19
4/15
Double branch adaptor
C0Q70
Double branch adaptor
C0B70
Ø A
B
C
E
G
H
J
Model
4
R1/8
52
24
8
22,5
18
14
C0Q700418
4
R1/4
63
26
10
27,5
22
17
C0Q700428
4
R3/8
65
28
11
29
22
21
C0Q700438
4
R1/2
74
30,5
14
34
24
24
C0Q700448
6
R1/8
52
25
8
22,5
18
14
C0Q700618
6
R1/4
63
27
10
27,5
22
17
C0Q700628
6
R3/8
65
28,5
11
29
22
21
C0Q700638
6
R1/2
74
31
14
34
24
24
C0Q700648
8
R1/8
52
27
8
22,5
18
14
C0Q700818
8
R1/4
63
30,5
10
27,5
22
17
C0Q700828
8
R3/8
65
30,5
11
29
22
21
C0Q700838
8
R1/2
74
32,5
14
34
24
24
C0Q700848
10
R1/8
52
28,5
8
22,5
18
14
C0Q701018
10
R1/4
63
30,5
10
27,5
22
17
C0Q701028
10
R3/8
65
32,5
11
29
22
21
C0Q701038
10
R1/2
74
35
14
34
24
24
C0Q701048
12
R1/4
63
34
10
27,5
22
17
C0Q701228
12
R3/8
65
35
11
29
22
21
C0Q701238
12
R1/2
74
39
14
34
24
24
C0Q701248
Ø A
B
C
E
G
H
J
Model
4
G1/8
50
24
5
20,5
18
14
C0B700418
4
G1/4
61
26
6,5
25,5
22
17
C0B700428
4
G3/8
62
28
6,5
26
22
21
C0B700438
4
G1/2
69,5
30,5
8
29,5
24
24
C0B700448
6
G1/8
50
25
5
20,5
18
14
C0B700618
6
G1/4
61
27
6,5
25,5
22
17
C0B700628
6
G3/8
62
28,5
6,5
26
22
21
C0B700638
6
G1/2
69,5
31
8
29,5
24
24
C0B700648
8
G1/8
50
27
5
20,5
18
14
C0B700818
8
G1/4
61
30,5
6,5
25,5
22
17
C0B700828
8
G3/8
62
30,5
6,5
26
22
21
C0B700838
8
G1/2
69,5
32,5
8
29,5
24
24
C0B700848
10
G1/8
50
28,5
5
20,5
18
14
C0B701018
10
G1/4
61
30,5
6,5
25,5
22
17
C0B701028
10
G3/8
62
32,5
6,5
26
22
21
C0B701038
10
G1/2
69,5
35
8
29,5
24
24
C0B701048
12
G1/4
61
34
6,5
25,5
22
17
C0B701228
12
G3/8
62
35
6,5
26
22
21
C0B701238
12
G 1/2
69,5
39
8
29,5
24
24
C0B701248
ø A
C
J
H
G
ø A
C
J
G
H
Branch adaptor (female)
C0*7J
Branch adaptor (female)
C0*7K
Ø A
B
C
E
G / G1 H
L
Model
6
R1/8
30
23
8
14,5
12,5
14
C0E7J0618
8
R1/4
35,5
28,5
10
18,5
15
17
C0F7J0828
10
R1/4
35,5
31
10
19,5
17,5
17
C0F7J1028
10
R3/8
41
31
11
20,5
17,5
21
C0G7J1038
12
R3/8
41
36
11
22
20,5
21
C0G7J1238
12
R1/2
50
36,5
14
25,5
20,5
24
C0H7J1248
Ø A
B
C
E
G / G1 H
L
Model
4
M5
20
19,5
3,5 / 7
10
10,5
8
C0D7K0405
6
G1/8
30
23
8
14
12,5
14
C0E7K0618
8
G1/4
35,5
27
10
17,5
14,5
17
C0F7K0828
10
G1/4
35,5
28
10
17,5
17,5
17
C0F7K1028
10
G3/8
41
30
11
17,5
17,5
21
C0G7K1038
12
G3/8
41
33
11
17,5
20,5
21
C0G7K1238
12
G1/2
50
35
14
20
20,5
24
C0H7K1248
B
E
B
B
B
E
Dimensions in mm
Projection/First angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27