Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

COTBO Fiches technique(PDF) 24 Page - Norgren Ltd

No de pièce COTBO
Description  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

COTBO Fiches technique(HTML) 24 Page - Norgren Ltd

Back Button COTBO Datasheet HTML 19Page - Norgren Ltd COTBO Datasheet HTML 20Page - Norgren Ltd COTBO Datasheet HTML 21Page - Norgren Ltd COTBO Datasheet HTML 22Page - Norgren Ltd COTBO Datasheet HTML 23Page - Norgren Ltd COTBO Datasheet HTML 24Page - Norgren Ltd COTBO Datasheet HTML 25Page - Norgren Ltd COTBO Datasheet HTML 26Page - Norgren Ltd COTBO Datasheet HTML 27Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Pneufit® C series
PUSH-IN fittings, metric
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
en 9.1.020.24
4/15
In-line flow control
C00GE
In-line and panel mounting flow control
C00GP
Ø A
B
C
> C1
< C1
D
E
Ø K
N
Model
4
12
45
30
33
3,3
15
11
13,5
C00GE0400
6
16
50
35
39,5
4,4
20,5
13
17,5
C00GE0600
8
19
55,5
37,5
42
4,4
23
15
20
C00GE0800
10
23
61
44
49
4,4
28
17,5
23
C00GE1000
12
26,5
70
47,5
53,5
4,4
32
20,5
25,5
C00GE1200
Control flow see page 4
Ø A
B
C
> C1
< C1
C2
D
E
Ø K
N
Panel hole Panel
thickness
Model
4
12
42
35,5
38
5,5
3,2
15,5
11
13,5
12
11
5
C00GP0400
6
16
49,5
43
48,5
8
4,3
20,5
13
17,5
17
15
6
C00GP0600
8
19
56,5
47,5
53
8,5
4,3
23
15
20
19
17
6
C00GP0800
10
23
63
53,5
61,5
10,5
4,3
27,5
17,5
23
22
17
7
C00GP1000
12
26,5
73,5
57,5
64,5
12
4,4
32,5
20,5
25,5
24
21
7
C00GP1200
Control flow see page 4
C
E
D
1
2
B
C
E
D
1
2
B
Dimensions in mm
Projection/First angle
1
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27