Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

COSAO Fiches technique(PDF) 13 Page - Norgren Ltd

No de pièce COSAO
Description  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

COSAO Fiches technique(HTML) 13 Page - Norgren Ltd

Back Button COSAO Datasheet HTML 9Page - Norgren Ltd COSAO Datasheet HTML 10Page - Norgren Ltd COSAO Datasheet HTML 11Page - Norgren Ltd COSAO Datasheet HTML 12Page - Norgren Ltd COSAO Datasheet HTML 13Page - Norgren Ltd COSAO Datasheet HTML 14Page - Norgren Ltd COSAO Datasheet HTML 15Page - Norgren Ltd COSAO Datasheet HTML 16Page - Norgren Ltd COSAO Datasheet HTML 17Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
Pneufit® C series
PUSH-IN fittings, metric
en 9.1.020.13
4/15
Dimensions in mm
Projection/First angle
Stem tee
C0063
Equal
Unequal
Ø A
Ø A1
C
E
F
Model
4
4
37,5
32,5
24
C00630400
6
6
41
34,5
25
C00630600
8
8
44,5
36
26
C00630800
10
10
47
37,5
28
C00631000
12
12
55
39
30
C00631200
Ø A
Ø A1
C
E
F
Model
4
6
37,5
33,5
25
C00630604
6
8
41
35,5
28
C00630806
8
10
44,5
38,5
28
C00631008
10
12
47
39,5
30
C00631210
Swivel tee adaptor
C0267
Ø A
B
C
E
G
Model
4
M5
37,5
22
4,5
10
C02670405
4
M6
37,5
22
4,5
10
C02670406
4
G1/8
37,5
22
6
14
C02670418
4
G1/4
37,5
24
8
17
C02670428
4
G3/8
37,5
24
8
20
C02670438
6
M5
41
24
4,5
12
C02670605
6
M6
41
24
4,5
12
C02670606
6
G1/8
41
24,5
6
14
C02670618
6
G1/4
41
26,5
8
17
C02670628
6
G3/8
41
27,5
9
20
C02670638
6
G1/2
41
28,5
9
24
C02670648
8
G1/8
44,5
26
6
14
C02670818
8
G1/4
44,5
28
8
17
C02670828
8
G3/8
44,5
29
9
20
C02670838
8
G1/2
44,5
30
10
24
C02670848
10
G1/8
47
26,5
6
17
C02671018
10
G1/4
47
28,5
8
17
C02671028
10
G3/8
47
29,5
9
20
C02671038
10
G1/2
47
30,5
10
24
C02671048
12
G1/4
55
31,5
8
19
C02671228
12
G3/8
55
32,5
9
20
C02671238
12
G1/2
55
33,5
10
24
C02671248
16
G3/8
64,5
40
9
24
C02671638
16
G1/2
64,5
41
10
24
C02671648
C
B
ø A
F
E
Swivel tee adaptor
C0167
Ø A
B
C
E
G
Model
4
R1/8
37,5
24,5
8
10
C01670418
4
R1/4
37,5
26,5
10
14
C01670428
4
R3/8
37,5
27,5
11
17
C01670438
6
R1/8
41
26,5
8
12
C01670618
6
R1/4
41
29,5
10
14
C01670628
6
R3/8
41
30,5
11
17
C01670638
6
R1/2
41
33,5
14
21
C01670648
8
R1/8
44
28
8
14
C01670818
8
R1/4
44
31
10
14
C01670828
8
R3/8
44
32
11
17
C01670838
8
R1/2
44
35
14
21
C01670848
10
R1/8
47
28,5
8
17
C01671018
10
R1/4
47
32
10
17
C01671028
10
R3/8
47
32,5
11
17
C01671038
10
R1/2
47
35,5
14
21
C01671048
12
R1/8
55
32,5
8
19
C01671218
12
R1/4
55
34,5
10
19
C01671228
12
R3/8
55
35,5
11
19
C01671238
12
R1/2
55
38,5
14
21
C01671248
16
R3/8
64,5
43
11
24
C01671638
16
R1/2
64,5
46
14
24
C01671648
C
B
Ø A
B
C
E
G
Model
4
M5
37,5
17
8
10
C026C0405
4
M6
37,5
17
8
10
C026C0406
4
R1/8
38
17
9
14
C016C0418
4
R1/4
38
17
11
17
C016C0428
6
M5
41
17,5
8
12
C026C0605
6
M6
41
17,5
8
12
C026C0606
6
R1/8
41
17,5
9
14
C016C0618
6
R1/4
41
17,5
11
17
C016C0628
6
R3/8
41
17,5
12
22
C016C0638
8
R1/8
44,5
18,5
9
14
C016C0818
8
R1/4
44,5
18,5
11
17
C016C0828
8
R3/8
44,5
18,5
12
22
C016C0838
8
R1/2
44,5
18,5
14
24
C016C0848
10
R1/8
47
19,5
9
17
C016C1018
10
R1/4
47
19,5
11
17
C016C1028
10
R3/8
47
19,5
12
22
C016C1038
10
R1/2
47
19,5
14
24
C016C1048
12
R1/4
55
22
11
19
C016C1228
12
R3/8
55
22
12
22
C016C1238
12
R1/2
55
22
14
24
C016C1248
Swivel tee adaptor (female)
C016C/C026C
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27