Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C0125 Fiches technique(PDF) 25 Page - Norgren Ltd

No de pièce C0125
Description  PUSH-IN fittings, metric
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NORGREN [Norgren Ltd]
Site Internet  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C0125 Fiches technique(HTML) 25 Page - Norgren Ltd

Back Button C0125 Datasheet HTML 19Page - Norgren Ltd C0125 Datasheet HTML 20Page - Norgren Ltd C0125 Datasheet HTML 21Page - Norgren Ltd C0125 Datasheet HTML 22Page - Norgren Ltd C0125 Datasheet HTML 23Page - Norgren Ltd C0125 Datasheet HTML 24Page - Norgren Ltd C0125 Datasheet HTML 25Page - Norgren Ltd C0125 Datasheet HTML 26Page - Norgren Ltd C0125 Datasheet HTML 27Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document. (2006 - 9005f) © 2015 Norgren Ltd.
Pneufit® C series
PUSH-IN fittings, metric
en 9.1.020.25
4/15
In-line non-return valve (in), taper thread
C01G2
In-line non-return valve (in), ISO G thread
C02G2
In-line non-return valve (out), taper thread
C01G3
In-line non-return valve (out), ISO G thread
C02G3
Ø A
B
C
G
Model
4
M5
31,5
3,5
10
C02G20405
4
G1/8
27,5
6
10
C02G20418
6
G1/8
32,5
6
12
C02G20618
8
G1/4
37
7
15
C02G20828
10
G3/8
54
8
22
C02G21038
12
G1/2
60,5
9
24
C02G21248
Ø A
B
C
G
Model
4
M5
31,5
3,5
10
C02G30405
4
G1/8
27,5
6
10
C02G30418
6
G1/8
32,5
6
12
C02G30618
8
G1/4
37
7
15
C02G30828
10
G3/8
54
8
22
C02G31038
12
G1/2
60,5
9
24
C02G31248
Ø A
B
C
G
Model
4
R1/8
27,5
8
10
C01G20418
6
R1/8
32,5
8
12
C01G20618
8
R1/4
37,5
10
14
C01G20828
Ø A
B
C
G
Weight
(g)
Model
4
R1/8
27,5
8
10
11
C01G30418
6
R1/8
32,5
8
12
16
C01G30618
8
R1/4
37,5
10
14
24
C01G30828
C
IN
G
C
OUT
G
G
C
IN
G
C
OUT
Ø A
C
Model
4
42
C00GL0400
6
47,5
C00GL0600
8
55,5
C00GL0800
Ø A
C
Model
10
65
C00GL1000
12
73
C00GL1200
C
C
In-line non-return valve (PBT)
C00GL
In-line non-return valve (Aluminium)
C00GL
Dimensions in mm
Projection/First angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27