| Moteur de recherche de fiches techniques de composants électroniques |
|
BLF404 Fiches technique(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BLF404 Fiches technique(HTML) 9 Page - NXP Semiconductors |
|
9 / 16 page ![]() 1998 Jan 29 9 Philips Semiconductors Product specification UHF power MOS transistor BLF404 Fig.11 Printed-circuit board and component layout for 500 MHz class-AB test circuit in Fig.10. The components are situated on one side of the copper-clad printed-circuit board, the other side is unetched and serves as a ground plane. Earth connections from the component side to the ground plane are made by through metallization. Dimensions in mm. handbook, full pagewidth MGM524 R3 C13 C10 C11 C1 C2 C4 C5 C7 C8 C9 C12 3 1 2 +VD C3 R4 R5 L1 L2 L3 L4 L5 L6 L8 L7 L9 L10 L11 31 56 R1 R6 R2 C6 |