| Moteur de recherche de fiches techniques de composants électroniques |
|
BLF248 Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BLF248 Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 13 page ![]() September 1992 13 Philips Semiconductors Product specification VHF push-pull power MOS transistor BLF248 DEFINITIONS LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. Data Sheet Status Objective specification This data sheet contains target or goal specifications for product development. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later. Product specification This data sheet contains final product specifications. Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. |