Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT11004V Fiches technique(PDF) 4 Page - LETEX TECHNOLOGY CORP.

No de pièce LT11004V
Description  High capacity in a slim SIL package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LETEX [LETEX TECHNOLOGY CORP.]
Site Internet  https://www.letex.com.tw
Logo LETEX - LETEX TECHNOLOGY CORP.

LT11004V Fiches technique(HTML) 4 Page - LETEX TECHNOLOGY CORP.

  LT11004V Datasheet HTML 1Page - LETEX TECHNOLOGY CORP. LT11004V Datasheet HTML 2Page - LETEX TECHNOLOGY CORP. LT11004V Datasheet HTML 3Page - LETEX TECHNOLOGY CORP. LT11004V Datasheet HTML 4Page - LETEX TECHNOLOGY CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Letex Technology Corp.
High capacity in a slim SIL package
Macking (Bottom View):
Marking
(Each photo MOS Relay shall be marked
with the following information)
LETEX
R923
LT11004
Brand Name
Part Name
Date Code
100V/4.5A
Spec
RoHS
R923
Weeks
Monthly
Year
Note:
1. Devices are pockets in accordance with EIA standard EIA-481-A and specifications given above.
2. Packaging:1 Box 1,000 pcs



Html Pages

1 2 3 4