| Moteur de recherche de fiches techniques de composants électroniques |
|
165-15 Fiches technique(PDF) 10 Page - Amphenol Industrial Products Group. |
|
|
|||||||||||||||||||||||||||||
165-15 Fiches technique(HTML) 10 Page - Amphenol Industrial Products Group. |
|
10 / 10 page ![]() 8 Insert Arrangements Insert Style Plug Receptacle Sq. Flange Cable Receptacle Potting Constructions Plug Receptacle 5 #20 contacts Current Rating (Amperes) 7.5 Pin 165-33 165-35 165-35-1002 165-33-1000 165-35-1000 Voltage rating (Volts RMS at sea level) 600 Socket 165-34 165-36 165-36-1003 165-34-1000 165-36-1000 9 #20 contacts Current Rating (Amperes) 7.5 Pin 165-13 165-15 165-15-1002 165-13-1000 165-15-1000 Voltage rating (Volts RMS at sea level) 500 Socket 165-14 165-16 165-16-1003 165-14-1000 165-16-1000 8 #20 contacts, 1 Shielded contact Current Rating (Amperes) 10.0 Pin 165-82 165-73 165-73-1001 165-82-1000 165-73-1000 Voltage rating (Volts RMS at sea level) 500 Socket 165-61-1008 165-83 165-83-1001 165-61 165-83-1000 12 #20 contacts Current Rating (Amperes) 7.5 Pin 165-9 165-11 165-11-1002 165-9-1000 165-11-1000 Voltage rating (Volts RMS at sea level) 500 Socket 165-10 165-12 165-12-1002 165-10-1000 165-12-1000 14 #16 contacts Current Rating (Amperes) 17.0 Pin 165-29 165-31 165-31-1003 165-29-1000 165-31-1000 Voltage rating (Volts RMS at sea level) 500 Socket 165-30 165-32 165-32-1006 165-30-1000 165-32-1000 19 #20 contacts, 1 Shielded contact Current Rating (Amperes) 10.0 Pin 165-86 165-84 165-84-1001 165-86-1000 165-84-1000 Voltage rating (Volts RMS at sea level) 500 Socket 165-62-1007 165-85 165-85-1001 165-62 165-85-1000 24 #20 contacts Current Rating (Amperes) 7.5 Pin 165-25 165-27 165-27-1005 165-25-1000 165-27-1000 Voltage rating (Volts RMS at sea level) 500 Socket 165-26 165-28 165-28-1003 165-26-1000 165-28-1000 165 Series insert arrangements, order information front face of insert illustrated The following chart provides ordering information. For example, to order a 165 Series plug with pin contacts use part number 165-33. |