| Moteur de recherche de fiches techniques de composants électroniques |
|
S75WS256NDFBAWNH0 Fiches technique(PDF) 1 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWNH0 Fiches technique(HTML) 1 Page - SPANSION |
|
1 / 15 page ![]() Publication Number S75WS-N_02 Revision A Amendment 2 Issue Date October 6, 2005 S75WS-N Based MCPs Stacked Multi-Chip Product (MCP) 256 Megabit (16M x 16-bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst-mode Flash Memory with 128 Mb (8M x 16-Bit) RAM Type 4 and 512 Mb (32M x 16-bit) Data Flash or 1 Gb ORNAND Flash Data Sheet PRELIMINARY Notice to Readers: This document indicates states the current technical specifications regarding the Spansion product(s) described herein. The Preliminary status of this document indicates that a product qualification has been completed, and that initial production has begun. Due to the phases of the manufacturing process that require maintaining efficiency and quality, this document may be revised by subsequent versions or modifications due to changes in technical specifications. |
Numéro de pièce similaire - S75WS256NDFBAWNH0 |
|
Description similaire - S75WS256NDFBAWNH0 |