Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STR91XF Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce STR91XF
Description  ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR91XF Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button STR91XF Datasheet HTML 64Page - STMicroelectronics STR91XF Datasheet HTML 65Page - STMicroelectronics STR91XF Datasheet HTML 66Page - STMicroelectronics STR91XF Datasheet HTML 67Page - STMicroelectronics STR91XF Datasheet HTML 68Page - STMicroelectronics STR91XF Datasheet HTML 69Page - STMicroelectronics STR91XF Datasheet HTML 70Page - STMicroelectronics STR91XF Datasheet HTML 71Page - STMicroelectronics STR91XF Datasheet HTML 72Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
STR91xF
Ordering information
69/72
8
Ordering information
Table 27.
Ordering information
Part Number
Flash KB RAM KB
Major Peripherals
Package
STR910FM32X6
256+32
64
CAN, 48 I/Os
LQFP80,
12x12mm
STR910FW32X6
256+32
64
CAN, EMI, 80 I/Os
LQFP128,
14x14mm
STR911FM42X6
256+32
96
USB, CAN, 48 I/Os
LQFP80,
12x12mm
STR911FM44X6
512+32
96
STR912FW42X6
256+32
96
Ethernet, USB, CAN, EMI, 80 I/Os
LQFP128,
14x14mm
STR912FW44X6
512+32
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72