Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4XX Fiches technique(PDF) 1 Page - Marathon Special Products

No de pièce 4XX
Description  Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARATHON [Marathon Special Products]
Site Internet  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

4XX Fiches technique(HTML) 1 Page - Marathon Special Products

  4XX Datasheet HTML 1Page - Marathon Special Products 4XX Datasheet HTML 2Page - Marathon Special Products 4XX Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Product Data Sheet
www.marathonsp.com
TERMINAL BLOCK, DOUBLE ROW
4XX Series
Wire Range
Standard (binding) screws, #10 - #12 AWG copper only, torque 20 lb-in
Listed lug (crimp type ring, spade, or fork terminal), #6 - #22 AWG, torque 20lb-in
SPSE (SEMS) screw option, #10 - #22 AWG copper only, torque 20b-in
PSB screw option, #10 - #22 AWG copper only, torque 20lb-in
Electrical Ratings
Amps:
• 30A with unprepared bare wire, (Based on NEC code, 75°C columns)
• 65A with listed lug (ring, spade or fork type crimp terminal)
600 Volts AC/DC (UL 1059 Class C, User Group - General Industrial)
Short Circuit Current Rating: 10,000A (Default)
Approved for Factory and Field Wiring.
Agency Compliance
UL Recognized, UL 1059 Terminal Block Standard, File No. XCFR2.E62806
CSA Certified, CSA C22.2 No. 158, File No. LR19766
CE compliant, IEC 60947-7-1
Material Information
Connector (Contact): Brass, tin plated.
Insulator base: Phenolic
Drive screw (Rivet): Stainless Steel
Screw, #10-32 Binder head, Phil-Slot: Steel, nickel plated
Replace “XX” with 01 through 12 for number of poles
11/16 (.688) pitch


Numéro de pièce similaire - 4XX

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
4XX8-BLE CYPRESS-4XX8-BLE Datasheet
1Mb / 48P
Programmable System-on-Chip (PSoC짰)
More results

Description similaire - 4XX

FabricantNo de pièceFiches techniqueDescription
logo
Japan Aviation Electron...
FF02S27SV1 JAE-FF02S27SV1 Datasheet
224Kb / 1P
OOD NUMBER OF CONTACTS
logo
C&K Components
KXT3 CK-COMPONENTS-KXT3 Datasheet
216Kb / 2P
High number of cycle
logo
Weidmuller
1075621000 WEIDMULLER-1075621000 Datasheet
876Kb / 3P
Bus line, Connecting line, M12 / M12, Number of poles: 2
September 18, 2021
logo
Samtec, Inc
EHF-1XX-01-X-D-XX-XX-XX SAMTEC-EHF-1XX-01-X-D-XX-XX-XX Datasheet
248Kb / 2P
Recommended PCB Layout For EHF-1XX-01-X-D-XX-XX-XX
Rev. A
logo
Marathon Special Produc...
15XXSTD MARATHON-15XXSTD Datasheet
230Kb / 3P
Replace XX with 02, 04, 06, 08 or 12 for number of poles
REV-B 11/06/2019
621RZ MARATHON-621RZ Datasheet
409Kb / 3P
Replace “XX” with 01 through 30 for number of poles 7/16 (.438) Pitch
REV E 04/20/2020
672RZ MARATHON-672RZ Datasheet
400Kb / 3P
Replace “XX” with 01 through 24 for number of poles 9/16 (.563) Pitch
REV-E 04/20/2020
logo
PHOENIX CONTACT
1376502 PHOENIX-1376502 Datasheet
400Kb / 11P
DD32H 2,2/12-PT-5,08-XX - Feed-through plug
logo
Marathon Special Produc...
134X305 MARATHON-134X305 Datasheet
781Kb / 4P
Replace “x” with 1, 2, or 3 for number of poles
11/09/2023
134X350 MARATHON-134X350 Datasheet
605Kb / 3P
Replace “x” with 1, 2, or 3 for number of poles
10/20/22
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com