| Moteur de recherche de fiches techniques de composants électroniques |
|
IDT723663 Fiches technique(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
IDT723663 Fiches technique(HTML) 17 Page - Renesas Technology Corp |
|
17 / 30 page ![]() 17 COMMERCIALTEMPERATURERANGE IDT723663/723673 CMOS SyncFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2 and 8,192 x 36 x 2 Figure 6. Serial Programming of the Almost-Full Flag and Almost-Empty Flag Offset Values after Reset (IDT Standard and FWFT Modes) NOTE: 1. CSA = LOW, W/RA = HIGH, MBA = LOW. Figure 5. Parallel Programming of the Almost-Full Flag and Almost-Empty Flag Offset Values after Reset (IDT Standard and FWFT Modes) NOTES: 1. It is not necessary to program offset register bits on consecutive clock cycles. FIFO write attempts are ignored until FF/IR is set HIGH. 2. Programmable offsets are written serially to the SD input in the order AF offset (Y) and AE offset (X). 5610 drw 07 CLKA RS1 FF/IR A0-A35 FS1,FS0 ENA tFSH tWFF tENH tENS2 tDS tDH 4 0,0 AF Offset (Y) AE Offset (X) First Word to FIFO1 tFSH tFSS FS2 tFSS 1 2 CLKA FF/IR tSENS tSENH FS0/SD(2) tSPH tSENS tSENH tFSS tWFF FS1/ SEN AE Offset (X) LSB tSDS tSDH tSDS tSDH AF Offset (Y) MSB RS1 4 tFSS tFSH FS2 5610 drw 08 |