Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS951703 Fiches technique(PDF) 13 Page - Renesas Technology Corp

No de pièce ICS951703
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III™
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS951703 Fiches technique(HTML) 13 Page - Renesas Technology Corp

Back Button ICS951703 Datasheet HTML 9Page - Renesas Technology Corp ICS951703 Datasheet HTML 10Page - Renesas Technology Corp ICS951703 Datasheet HTML 11Page - Renesas Technology Corp ICS951703 Datasheet HTML 12Page - Renesas Technology Corp ICS951703 Datasheet HTML 13Page - Renesas Technology Corp ICS951703 Datasheet HTML 14Page - Renesas Technology Corp ICS951703 Datasheet HTML 15Page - Renesas Technology Corp ICS951703 Datasheet HTML 16Page - Renesas Technology Corp ICS951703 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
ICS951703
CPU_STOP# Timing Diagram
CPU_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPU clocks for low power operation.
CPU_STOP# is synchronized by the ICS951703. The minimum that the CPU clock is enabled (CPU_STOP# high pulse) is
100 CPU clocks. All other clocks will continue to run while the CPU clocks are disabled. The CPU clocks will always be
stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPU clock on latency is
less than 4 CPU clocks and CPU clock off latency is less than 4 CPU clocks.
Notes:
1. All timing is referenced to the internal CPU clock.
2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized
to the CPU clocks inside the ICS951703.
3. All other clocks continue to run undisturbed. (including SDRAM outputs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18