| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS951464 Fiches technique(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS951464 Fiches technique(HTML) 14 Page - Renesas Technology Corp |
|
14 / 25 page ![]() IDTTM/ICSTM Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems 1211B—09/17/09 ICS951464 IDTTM/ICSTM Programmable System Clock Chip for ATI RS/RD690 K8 TM - based Systems 14 SMBus Table: ATIG PLL Spread Spectrum Control Register Byte 18 Pin # Name Control Function Type 0 1 PWD Bit 7 0 Bit 6 - SSP14 RW X Bit 5 - SSP13 RW X Bit 4 - SSP12 RW X Bit 3 - SSP11 RW X Bit 2 - SSP10 RW X Bit 1 - SSP9 RW X Bit 0 - SSP8 RW X SMBus Table: CPU and ATIG Divider Ratio Programming Bits Select Register Byte 19 Pin # Name Control Function Type 0 1 PWD Bit 7 -CPU_Div3 RW X Bit 6 -CPU_Div2 RW X Bit 5 -CPU_Div1 RW X Bit 4 -CPU_Div0 RW X Bit 3 - ATIG_Div3 RW X Bit 2 - ATIG_Div2 RW X Bit 1 - ATIG_Div1 RW X Bit 0 - ATIG_Div0 RW X SMBus Table: HTT Divider Ratio Programming Bits Select Register Byte 20 Pin # Name Control Function Type 0 1 PWD Bit 7 0 Bit 6 0 Bit 5 0 Bit 4 0 Bit 3 - HTT_Div3 RW X Bit 2 - HTT_Div2 RW X Bit 1 - HTT_Div1 RW X Bit 0 - HTT_Div0 RW X Reserved See Table 5: ATIG Divider Ratios Reserved Spread Spectrum Programming b(14:8) These Spread Spectrum bits in Byte 19 and 20 will program the spread pecentage. It is recommended to use ICS Spread % table for spread programming. CPU_Divider Ratio Programming Bits HTT_Divider Ratio Programming Bits See Table 6: HTT Divider Ratios Reserved See Table 4: CPU Divider Ratios ATIG_Divider Ratio Programming Bits Reserved Reserved |