| Moteur de recherche de fiches techniques de composants électroniques |
|
BLF175 Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BLF175 Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 18 page ![]() September 1992 13 Philips Semiconductors Product specification HF/VHF power MOS transistor BLF175 Fig.20 Component layout for 28 MHz class-AB test circuit. Note: The circuit and components are situated on one side of the epoxy fibre-glass board, the other side being fully metallized to serve as earth. Earth connections are made by means of hollow rivets and straps at the two edges and under the source contacts. Dimensions in mm. handbook, full pagewidth MGP081 R1 R2 C5 C3 C1 C2 C4 L1 L2 L3 C7 L5 L4 C8 C11 C10 C12 C9 R3 L6 C6 70 150 rivet strap strap mounting screw strap |