| Moteur de recherche de fiches techniques de composants électroniques |
|
PS402-01XX Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PS402-01XX Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 46 page ![]() 2003 Microchip Technology Inc. DS21766A-page 13 PS402-01XX FIGURE 4-2: CHARGE DECREASING FLOW CHART Set Fully Discharged Bit Terminate Discharge Alarm RemCap = Residual Capacity + Table Offset Check Alarms: RemCap < RemCapAlarm RemTime < RemTimeAlarm ? Set Alarm Bits in Battery Status YES NO V < VEOD?* YES FCC = Discharge Count + Residual Capacity START RemCap < FULLHYST? Reset Fully Charged Bit YES NO Change of CI/CD State during last full Charge & Discharge ? YES NO NO *VEOD can be constant or can vary with temperature and discharage rate |