Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RJSSE Fiches technique(PDF) 3 Page - Amphenol Communications Solutions

No de pièce RJSSE
Description  Product Specification S6036C Rev 1.2
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMPHENOLCS [Amphenol Communications Solutions]
Site Internet  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

RJSSE Fiches technique(HTML) 3 Page - Amphenol Communications Solutions

  RJSSE Datasheet HTML 1Page - Amphenol Communications Solutions RJSSE Datasheet HTML 2Page - Amphenol Communications Solutions RJSSE Datasheet HTML 3Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Amphenol Canada Corp.
605 Milner Avenue
Toronto, Ontario, Canada M1B 5X6
www.amphenolcanada.com (www.amphenol-icc.com)
(416) 291-4401
sales@amphenolcanada.com
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN
PERMISSION FROM AMPHENOL CANADA CORP.
Amphenol
Copyright © Amphenol Corporation 2018 ·All rights reserved
Page 3 of 3
MATERIAL REQUIREMENTS
RJSBE connectors are RoHS compliant.
Unless otherwise specified, the materials for each component shall be:
Insulator
Engineering thermoplastic, flammability rating UL 94V-0
Contacts
-Phosphor Bronze hard temper with gold thickness options (6µ”,
15µ”, 30µ”, 50µ”) over 50µ” minimum Nickel on contact mating area
-100µ” minimum matte tin plating on soldering tail
Shield
Copper alloy; Nickel plated with pure tin dipped tail
LED
Pure Tin plating on LED tails
About Amphenol
Commercial Products
Amphenol’s commercial
connector products are
used in a variety of end
user applications including
networking, telecom, server
& computer, storage &
HDD, consumer electronics
and entertainment,
professional audio &
Industrial &
Military/Aerospace.
Related Products
RJSSE
P/N RJSSE-3081 SHOWN SINGLE
PORT, 8 POSITION, WITH SHIELD
AND LIGHT PIPE
RJHSE
P/N RJHSE-3081 SHOWN SINGLE
PORT, 8 POSITION WITHOUT SHIELD,
WITH LEDs
Amphenol
RJSBE Product Specification S6036C Rev 1.2
AVAILABLE DOCUMENTS
Below is a list of the most popular standard sales drawings:
Contact our website, sales, or an authorized Amphenol representation for additional drawings.
RJSBE-706X-02
Two ports. Through hold, no shield, 6 contacts, with LEDs
RJSBE-538X-F1
Single port, through hole, shielded with EMI tabs, with LEDs
RJSBE-5F8X-C1X
Single port, through hole, shielded without EMI tabs, with LEDs



Html Pages

1 2 3