| Moteur de recherche de fiches techniques de composants électroniques |
|
VAF1003 Fiches technique(PDF) 2 Page - COSEL CO., LTD. |
|
|
|||||||||||||||||||||||||||||
VAF1003 Fiches technique(HTML) 2 Page - COSEL CO., LTD. |
|
2 / 4 page ![]() ¡DERATING CURVE ¡RISE TIME (VAF512) ¡OVERCURRENT CHARACTERISTICS (VAF512) ¡STATIC CHARACTERISTICS (VAF512) AC 85V 0 11.90 12.00 12.10 12.20 12.30 AC170V AC264V OUTPUT CURRENT 0.2 0.4 0.6 DC Output AC Input ACIN 85V Io=100% 50ms/DIV AC 85V AC170V AC264V 0 0.5 1.0 1.5 2.0 2 4 6 8 10 12 14 OUTPUT CURRENT -10 0 1020304050 60 71 0 25 100 75 AMBIENT TEMPERATURE VAF VAF-3 VAF5 External view Recommended size for processing PCB (TOP VIEW) Input/Output Pin 72.5 65.5 49.5 3.5 (TOP VIEW) FG +V -V C16 AC(L) AC(N) AC(N) bottom cover Name Plate 5- º1.0 (stopper º 1.7 [0.07] ) Outline 5- º1.3 65.5 3.5 49.5 ¶ Dimensions in mm, [ ]= inches ¶ Unit: 2mm ¶Weight: 30g max ¶Tolerance: ¶PCB material: CEM-3 ¶PCB thickness: t=1.0 [0.04] ¶Pin material: CPW with solder plated ¶Recommended hole dia. to PCB: º1.3 ¶Dimensions in mm, [ ]= inches bottom cover º1.7 º1.0 ±0.5 [±0.02] [0.07] [0.04] [0.14] [2.58] [1.95] [0.05] [0.14] [2.85] [2.58] [1.95] [0.04] Performance data |