| Moteur de recherche de fiches techniques de composants électroniques |
|
AM26LS3XAM Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM26LS3XAM Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 36 page ![]() 6 AM26LS32AC, AM26LS32AI, AM26LS32AM AM26LS33AC, AM26LS33AM SLLS115F – OCTOBER 1980 – REVISED SEPTEMBER 2016 www.ti.com Product Folder Links: AM26LS32AC AM26LS32AM AM26LS33AM Submit Documentation Feedback Copyright © 1980–2016, Texas Instruments Incorporated (1) All typical values are at VCC = 5 V, TA = 25°C, and VIC = 0. 6.6 Switching Characteristics CL = 15 pF, VCC = 5 V, and TA = 25°C (see Parameter Measurement Information; unless otherwise noted) PARAMETER MIN TYP(1) MAX UNIT tPLH Propagation delay time, low-to-high-level output 20 35 ns tPHL Propagation delay time, high-to-low-level output 22 35 ns tPZH Output enable time to high level 17 22 ns tPZL Output enable time to low level 20 25 ns tPHZ Output disable time from high level 21 30 ns tPLZ Output disable time from low level 30 40 ns 6.7 Dissipation Ratings PACKAGE TA ≤ 25°C POWER RATING DERATION FACTOR ABOVE TA = 25°C TA = 70°C POWER RATING TA = 125°C POWER RATING FK 1375 mW 11 mW/°C 880 mW 275 mW J 1375 mW 11 mW/°C 880 mW 275 mW |