Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S72WS512PFFKFKLE Fiches technique(PDF) 7 Page - SPANSION

No de pièce S72WS512PFFKFKLE
Description  based MCP/PoP Products
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS512PFFKFKLE Fiches technique(HTML) 7 Page - SPANSION

Back Button S72WS512PFFKFKLE Datasheet HTML 3Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 4Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 5Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 6Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 7Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 8Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 9Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 10Page - SPANSION S72WS512PFFKFKLE Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
S72WS-P_00_A4 May 29, 2006
S72WS-P based MCP/PoP Products
5
Da t a
Sh ee t
( A dv an c e
In f o r m at io n)
3.
Connection Diagrams
3.1
256Mb NOR Flash with 128Mb SDR/DDR-DRAM
Note: DDR-only signals are RFUs in the case of the SDR DRAM-based solutions.
A1
A10
B4
B7
B8
B9
B3
B2
B6
A2
A3
A4
A5
A6
A7
A8
A9
B5
B1
B10
C4
C7
C8
C9
C3
C2
C6
C5
C1
C10
D4
D7
D8
D9
D3
D2
D6
D5
D1
D10
E4
E7
E8
E9
E3
E2
E6
E5
E1
E10
F4
F7
F8
F9
F3
F2
F6
F5
F1
F10
G4
G7
G8
G9
G3
G2
G6
G1
G10
H4
H7
H8
H9
H3
H2
H1
H10
J4
J7
J8
J9
J3
J2
J6
J5
J1
J10
K4
K7
K8
K9
K3
K2
K6
K5
K1
K10
L4
L7
L8
L9
L3
L2
L6
L5
L1
L10
M4
M7
M8
M9
M3
M2
M6
M5
M1
M10
N4
N7
N8
N9
N3
N2
N6
N5
N1
N10
P4
P7
P8
P9
P3
P2
P6
P5
P1
P10
D-CKE D-CLK
D-CLK#
RFU
D-VSS
D-VCC
RFU
D-A11
D-VSS D-CE#
D-RAS# D-WE#
D-A9
D-A8
D-VSSQ D-VCCQ
D-A7
D-A6
RFU
D-CAS#
D-A10
AVD#
VSS
CLK
RFU
RFU
D-A0
F-WP#
A7
D-DM0
F-ACC
WE#
A8
A11
RFU
D-A5
D-VCCQ
A3
A6
D-DM1
F-RST#
RFU
A19
A12
A15
D-VCCQ
D-VSSQ
A2
A5
A18
F-RDY
A20
A9
A13
A21
D-VSSQ
D-DQ0
A1
A4
A17
A23
A10
A14
A22
D-DQ15
D-DQ1
A0
VSS
DQ1
DQ6
RFU
A16
D-DQ14
D-DQ2 F1-CE#
OE#
DQ9
DQ3
DQ4
DQ13
DQ15
RFU
D-DQ13
D-DQ3
RFU
DQ0
DQ10
F-VCC
RFU
DQ12
DQ7
VSS
D-DQ12
D-DQ4
RFU
DQ8
DQ2
DQ11
RFU
DQ5
DQ14
RFU
D-DQ11
D-DQ5
RFU
RFU
VSS
F-VCC
RFU
RFU
F-VCCQ
RFU
D-DQ10
RFU
D-BA0
D-DQ6
D-DQ7
D-VSSQ D-VCCQ
D-DQ8
D-DQ9
D-BA1
RFU
D-DQS0 D-VSS
D-A1
D-A2
D-VSS
D-VCC
D-A3
D-A4
RFU
D-DQS1
DRAM only
Legend
Reserved for
Future Use
NOR Flash only
DDR DRAM only
RFU
RFU
RFU
RFU
137-ball Fine-Pitch Ball Grid Array
(Top View, Balls Facing Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17