| Moteur de recherche de fiches techniques de composants électroniques |
|
TMCGD6SP0010W Fiches technique(PDF) 5 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
TMCGD6SP0010W Fiches technique(HTML) 5 Page - ITT Industries |
|
5 / 6 page ![]() Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com K K–15 C&K TM Series Miniature Snap-acting Switches ACTUATOR NOTE: For basic switch operating forces, see page K-12. .280 (7,11) .750 (19,05) .187 (4,75) N/A .04 .07 12 N/A .07 .14 24 .200 (5,08) .500 (12,70) .125 (3,18) N/A .04 .11 13 N/A .11 .21 36 .60 .88 17 25 .035 (0,89) .056 (1,42) .013 (0,33) .35 .53 1.06 10 15 30 .71 .99 2.12 20 28 60 1.76 2.65 5.29 50 75 150 P00 .125 (3,18) .312 (7,92) .070 (1,78) .04 .07 .18 12 5 .11 .18 .35 35 10 .53 1.06 1.59 15 30 45 A25 .060 (1,52) .140 (3,56) .025 (0,64) .11 .18 .35 35 10 .25 .35 .71 7 10 20 1.06 1.76 3.17 30 50 90 A20 .065 (1,65) .160 (4,06) .030 (0,76) .11 .14 .35 34 10 .21 .35 .71 6 10 20 1.06 1.59 2.82 30 45 80 A15 .035 (0,89) .070 (1,78) .013 (0,33) .25 .53 1.06 7 15 30 .49 .99 1.69 14 28 48 2.12 3.17 6.35 60 90 180 A10 N/A .42 .63 12 18 T28 N/A T27 .100 (2,54) .330 (8,38) .070 (1,78) .04 .07 .16 1 2 4.5 .07 .14 .32 24 9 .71 1.06 1.41 20 30 40 T25 .110 (2,79) .312 (7,92) .080 (2,03) .05 .07 .18 1.5 2 5 .11 .18 .35 35 10 .53 1.23 1.76 15 35 50 T24 .125 (3,18) .312 (7,92) .070 (1,78) .04 .07 .18 12 5 .11 .18 .35 35 10 .53 1.06 1.59 15 30 45 T23 .065 (1,65) .160 (4,06) .030 (0,76) .11 .18 .35 3 510 .21 .32 .71 6 920 1.06 1.59 3.17 30 45 90 T20 .160 (4,06) .375 (9,52) .078 (1,98) N/A .04 .14 14 N/A .14 .28 48 N/A .71 1.23 20 35 T18 .110 (2,79) .220 (5,59) .062 (1,57) .07 .07 .21 22 6 .14 .21 .42 46 12 .71 .88 1.76 20 25 50 T17 .140 (3,56) .312 (7,92) .090 (2,29) .05 .07 .18 1.5 2 5 .11 .18 .35 35 10 .53 .71 1.41 15 20 40 T16 .075 (1,90) .160 (4,06) .032 (0,81) .11 .14 .35 34 10 .21 .32 .71 69 20 1.06 1.59 2.28 30 45 80 T15 .062 (1,57) .140 (3,56) .050 (1,27) .11 .14 .35 34 10 .25 .35 .71 7 10 20 1.06 1.76 3.17 30 50 90 T13 .065 (1,65) .160 (4,06) .030 (0,76) .11 .14 .35 3 410 .21 .35 .71 6 10 20 1.06 1.59 2.82 30 45 80 T13 .035 (0,89) .080 (2,03) .013 (0,33) .25 .53 1.06 7 15 30 .49 .99 1.69 14 28 48 2.12 3.17 6.35 60 90 180 T10 MINIMUM OVERTRAVEL ALL FORCES MAXIMUM PRETRAVEL ALL FORCES MAXIMUM DIFFERENTIAL TRAVEL ALL FORCES MINIMUM RETURN FORCE (OZ./GRAMS) MINIMUM RELEASE FORCE (OZ./GRAMS) MAXIMUM OPERATING FORCE (OZ./GRAMS) CF CG CJ (50) (75) (150) OPTION CODE SWITCH CHARACTERISTICS CF CG CJ (50) (75) (150) CF CG CJ (50) (75) (150) T26 N/A .35 10 .71 20 N/A .07 2 .18 5 N/A .04 1 .07 2 .110 (2,79) .500 (12,7) .250 (6,35) |