| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS93705 Fiches technique(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS93705 Fiches technique(HTML) 3 Page - Renesas Technology Corp |
|
3 / 9 page ![]() 3 ICS93705 0418D—04/28 /05 T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B- 1 d e v r e s e R 5 t i B- 1 d e v r e s e R 4 t i B- 1 d e v r e s e R 3 t i B- 1 d e v r e s e R 2 t i B- 1 d e v r e s e R 1 t i B- 1 d e v r e s e R 0 t i B- 1 d e v r e s e R Byte 3: Reserved (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B- 1 d e v r e s e R 5 t i B- 1 d e v r e s e R 4 t i B- 1 d e v r e s e R 3 t i B- 1 d e v r e s e R 2 t i B- 1 d e v r e s e R 1 t i B- 1 d e v r e s e R 0 t i B- 1 d e v r e s e R Byte 4: Reserved (1= enable, 0 = disable) Byte 2: Reserved (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B- 1 d e v r e s e R 5 t i B- 1 d e v r e s e R 4 t i B- 1 d e v r e s e R 3 t i B- 1 d e v r e s e R 2 t i B- 1 d e v r e s e R 1 t i B- 1 d e v r e s e R 0 t i B- 1 d e v r e s e R T I B# N I PD W PN O I T P I R C S E D 7 t i B2 , 31 ) C & T ( 0 K L C 6 t i B- 1 - 5 t i B9 , 0 11 ) C & T ( 2 K L C 4 t i B9 1 , 0 21 ) C & T ( 3 K L C 3 t i B3 2 , 2 21 ) C & T ( 4 K L C 2 t i B6 2 , 7 21 ) C & T ( 9 K L C 1 t i B- 1 d e v r e s e R 0 t i B- 1 d e v r e s e R Byte 5: Reserved (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 ) e t o N ( d e v r e s e R 6 t i B- 0 ) e t o N ( d e v r e s e R 5 t i B- 0 ) e t o N ( d e v r e s e R 4 t i B0 3 , 9 21 ) C & T ( 8 K L C 3 t i B0 4 , 9 31 ) C & T ( 7 K L C 2 t i B3 4 , 4 41 ) C & T ( 6 K L C 1 t i B7 4 , 6 41 ) C & T ( 5 K L C 0 t i B- 1 d e v r e s e R Byte 6: Reserved (1= enable, 0 = disable) Note: Don’t write into these registers (7:5), writing into these registers can cause malfunction. |