| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP2155I/SS Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP2155I/SS Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 52 page ![]() 0LFURFKLS 7HFKQRORJ\ ,QF 3UHOLPLQDU\ '6$SDJH ! (;$03/( 3,&)[[ &RGH WR 3URJUDP WKH 'HYLFH ,' FRQWLQXHG ctsLow clrf breg ; clear the offset call string1 ; get the byte count ; (ID length byte + # bytes in string) movwf creg ; use creg as the loop counter incf creg, f ; add 1 to the loop count since ; we're jumping into the middle movwf areg ; save the count in areg to send it goto sndwt ; start sending the count + ID string ; sndlp call string1 ; get the byte movwf areg ; save the byte sndwt btfsc cts ; check the cts input goto sndwt ; wait if cts=1 call txser ; send the byte using the Transmit Routine incf breg,f ; increment the table pointer decfsz creg, f ; more bytes to send? goto sndlp ; YES, send more bytes ; bcf clr ; NO, place the MCP2155 in reset bcf dtr ; Force the DTR pin Low for normal mode bsf rts ; Force the RTS pin High for normal mode call delay1mS ; delay for 1 ms. bsf clr ; allow the MCP2155 to come out of reset ; ctsLP2 btfss cts ; if cts=1 then MCP2155 is in Normal mode goto ctsLP2 ; NO, wait for MCP2155 to be ready goto NormalOperation ; The MCP2155 in now programmed with new ID, ; and is ready to establish an IR link |