| Moteur de recherche de fiches techniques de composants électroniques |
|
S71WS256JC0BAWTY2 Fiches technique(PDF) 9 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71WS256JC0BAWTY2 Fiches technique(HTML) 9 Page - SPANSION |
|
9 / 186 page ![]() August 19, 2005 S71WS-J_04_A2 S71WS-J Based MCPs 7 Prel imin ar y Connection Diagrams (CosmoRAM Type-based) 1RWHV ,Q 0&3¶V EDVHG RQ D VLQJOH 6:6[[[- 6:6[[[- EDOO % LV 5)8 ,Q 0&3¶V EDVHG RQ WZR 6:6[[[- 6:6- EDOO % LV &( I RU )&( $GGUHVVHV DUHVKDUHG EWZHHQ )ODVK DQG5$0GHSHQGLQJRQWKH GHQVLW\RIWKH S65$0 MCP Flash-only Addresses Shared Addresses 6:6-$ $$ $$ 6:6-% $ $$ 6:6-$ $$ $$ 6:6-% $$ $$ 6:6-& $ $$ E4 UB#s F4 A18 G4 A17 H4 DQ1 J4 DQ9 DQ10 D4 E6 CE2s A20 J6 DQ4 VCCs D6 E7 A19 F7 A9 G7 A10 H7 DQ6 J7 DQ13 DQ12 D7 E5 RESET# RDY J5 DQ3 VCCf D5 E8 A12 F8 A13 G8 A14 H8 RFU J8 DQ15 DQ7 D9 E9 F9 A21 G9 A22 A16 J9 RFU VSS E3 A6 F3 A5 G3 A4 H3 VSS J3 OE# DQ0 CE1#s D3 E2 F2 A2 G2 A1 H2 A0 J2 CE1#f H6 H5 1st Flash only Legend Reserved for Future Use A3 D2 A15 D10 A1 NC A10 NC M1 M10 NC NC C4 LB#s WE# C7 A8 ACC C8 A11 C9 RFU C3 A7 C2 WP# C6 B4 CLK RFU B7 RFU F2-CE# B8 RFU B9 RFU B3 RFU B2 AVD# B6 B5 L4 RFU RFU L7 RFU VCCf L8 RFU L9 RFU L3 RFU L2 RFU L6 K4 DQ2 RFU K7 DQ5 DQ11 K8 DQ14 K9 RFU K3 DQ8 K2 RFU K6 K5 RFU RFU G6 G5 A23 RFU F6 F5 C5 H9 L5 1st RAM only Shared 2nd Flash only EDOO)LQH3LWFK%DOO*ULG $UUD\ &RVPR5$0EDVHG 3LQRXW 7RS 9LHZ %DOOV )DFLQJ 'RZQ |