Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD1D25LSM-C Fiches technique(PDF) 2 Page - ITT Industries

No de pièce TD1D25LSM-C
Description  Filter Connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

TD1D25LSM-C Fiches technique(HTML) 2 Page - ITT Industries

  TD1D25LSM-C Datasheet HTML 1Page - ITT Industries TD1D25LSM-C Datasheet HTML 2Page - ITT Industries TD1D25LSM-C Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.ittcannon.com
305
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-24308 Filter Connectors
TD1*
Contact Arrangements
Contacts
Shell Size
Contact Arrangement
Contact Size
Shell Size
Contact Arrangement\
Contact Size
Straight Printed Circuit
Right Angle Printed Circuit
Face View Pin Insert
E
9
#20
1
6
7
8
9
2
3
4
5
1
6
7
8
9
10
11
12
13
14
15
2
3
4
5
1
6
7
8
9
10
11
12
13
14
15
16
17
18 19
20
21
22
23 24
25
20
21
22
23 24 25 26
27 28
29
30 31
32 33 34
35
36
37
2
3
4
5
1
6
7
8
9
10
11 12
13
14
15
16
17
18
35
34
35 36
37
38
39
40 41
42
43
44
45
46
47 48
49
50
2
3
4
5
1
6
7
8
9
10
11 12
13
14
15
16
17 18 19
2
3
4
5
A
15
#20
B
25
#20
D
50
#20
Modifier
H: .040 (1.02) Dia. terminals and accommodates up to
1/8 Max. thick P.C. boards.
300 +
_ .028
(7.62 +
_ 0.71)
(.125 (3.18)
PC BOARD)
.125 +
_ .010
(3.18 +
_ .25)
.125 +
_ .010
(3.18 +
_ .25)
.112 +
_ .015
(2.84 +
_ .38)
.112 +
_ .015
(2.84 +
_ .38)
.112+
_ .015
(2.84 +
_ .38)
.715 +
_ .010
(18.16 +
_ .25)
F
10˚TYP.
1.040 (26.42)
MAX.
ALL CONTACTS SKIVED APPROX.
AS SHOWN (.042[1.07) MIN SOLDER POT I.D.)
.065 (1.65)
+
_ .005 (0.13)
J
H
A
B
D
E
C
G
TWO HOLES
120 +
_ .005
(3.05 +
_ 0.13)DIA.
Rear View
Shell Size
9P
9S
15P
15S
25P
25S
37P
37S
50P
50S
1.213 (30.81)
1.213 (30.81)
1.541 (39.14)
1.541 (39.14)
2.087 (53.01)
2.087 (53.01)
2.729 (69.32)
2.729 (69.32)
2.635 (66.93)
2.635 (66.93)
.738 (18.75)
.642 (16.31)
1.066 (27.08)
.970 (24.64)
1.606 (40.79)
1.510 (38.35)
2.254 (57.25)
2.158 (54.81)
2.151 (54.64)
2.064 (52.43)
.984 (24.99)
.984 (24.99)
1.312 (33.32)
1.312 (33.32)
1.852 (47.04)
1.852 (47.04)
2.500 (63.50)
2.500 (63.50)
2.406 (61.11)
2.406 (61.11)
.400 (10.16)
.310 (7.87)
.400 (10.16)
.310 (7.87)
.400 (10.16)
.310 (7.87)
.400 (10.16)
.310 (7.87)
.512 (13.00)
.422 (10.72)
.502 (12.75)
.502 (12.75)
.502 (12.75)
.502 (12.75)
.502 (12.75)
.502 (12.75)
.502 (12.75)
.502 (12.75)
.612 (15.54)
.612 (15.54)
.792 (20.12)
.792 (20.12)
1.116 (28.35)
1.116 (28.35)
1.664 (42.27)
1.664 (42.27)
2.316 (58.83)
2.316 (58.83)
2.198 (55.83)
2.198 (55.83)
.469 (11.91)
.469 (11.91)
.469 (11.91)
.469 (11.91)
.469 (11.91)
.469 (11.91)
.469 (11.91)
.469 (11.91)
.576 (14.63)
.576 (14.63)
.236 (5.99)
.243 (6.17)
.236 (5.99)
.243 (6.17)
.231 (5.87)
.243 (6.17)
.231 (5.87)
.243 (6.17)
.231 (5.87)
.243 (6.17)
.841 (21.36)
.852 (21.64)
.841 (21.36)
.852 (21.64)
.841 (21.36)
.852 (21.64)
.841 (21.36)
.852 (21.64)
.841 (21.36)
.852 (21.64)
A
+
_ .015 (0.38)
B
+
_ .010 (0.25)
C
+
_ .005 (0.13)
D
+
_ .010 (0.25)
E
+
_ .005 (0.13)
F
+
_ .010 (0.25)
G
+
_ .010 (0.25)
H
+
_ .010 (0.25)
J
+
_ .010 (0.25)
Front View
.715 +
_ .010
(18.16 +
_ .25)
FOOT PRINT FROM FRONT
OF MOUNTING FLANGE
M: .030 (.76) Dia. terminals and accommodates up to
1/8 Max. thick P.C. boards.
P: .030 (.76) Dia. terminals and accommodates P.C. boards
up to 3/32 Max. Thickness.
Modifier
C
37
#20
Standard Shell Dimensions



Html Pages

1 2 3