Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSG2B Fiches technique(PDF) 23 Page - Honeywell Solid State Electronics Center

No de pièce LSG2B
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSG2B Fiches technique(HTML) 23 Page - Honeywell Solid State Electronics Center

Back Button LSG2B Datasheet HTML 19Page - Honeywell Solid State Electronics Center LSG2B Datasheet HTML 20Page - Honeywell Solid State Electronics Center LSG2B Datasheet HTML 21Page - Honeywell Solid State Electronics Center LSG2B Datasheet HTML 22Page - Honeywell Solid State Electronics Center LSG2B Datasheet HTML 23Page - Honeywell Solid State Electronics Center LSG2B Datasheet HTML 24Page - Honeywell Solid State Electronics Center LSG2B Datasheet HTML 25Page - Honeywell Solid State Electronics Center LSG2B Datasheet HTML 26Page - Honeywell Solid State Electronics Center LSG2B Datasheet HTML 27Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Sensing and Internet of Things
23
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
SPDT Plug-in (mm[in])
SPDT Non-plug-in (mm[in])
DPDT Plug-in (mm[in])
DPDT Non-plug-in (mm[in])
Figure 14. MICRO SWITCH HDLS LSV Series top adjustable
plunger (single pole) dimensions
16,5
[.65]
25,4
[1.00]
39,0
[1.54]
44,5
[1.75]
74,9
[2.95]
21,6
[.85]
17,5
[.69]
29,4
[1.16]
41,1
[1.62]
59,4
[2.34]
70,4
[2.77]
53,1
[2.09]
MIN OPERATING
POINT
59,4
[2.34]
MAX OPERATING
POINT
14,7
[.58]
7,9
[.31]
Ø 25,4
[1.00]
39,6
[1.56]
28,7
[1.13]
CONDUIT OPENING
LOCATION
LSV SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
DIMS: MM
[IN]
20,3
[.80]
36,6
[1.44]
39,0
[1.54]
44,4
[1.75]
75,8
[2.98]
17,5
[.69]
21,6
[.85]
53,1
[2.09]
MIN OPERATING
POINT
7,9
[.31]
14,7
[.58]
59,4
[2.34]
MAX OPERATING
POINT
59,4
[2.34]
70,4
[2.77]
29,4
[1.16]
41,1
[1.62]
25,4
[1.00]
28,7
[1.13]
36,6
[1.56]
CONDUIT OPENING
LOCATION
LSV SPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
DIMS: MM
[IN]
MTG PADS
2X 10-32 UNF
TAPPED FROM REAR ONLY
18.8
[.74]
26,4
[1.04]
38,1
[1.50]
45,3
[1.78]
89,7
[3.53]
21,6
[.85]
29,4
[1.16]
47,8
[1.88]
82,6
[3.25]
59,5
[2.34]
53,1
[2.09]
MIN OPERATING
POINT
59,4
[2.34]
MAX OPERATING
POINT
7,9
[.31]
14,7
[.58]
17,5
[.69]
Ø 25,4
[Ø1.00]
28,7
[1.13]
CONDUIT OPENING
LOCATION
LSV DPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
DIMS: MM
[IN]
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH
MTG PADS
21,3
[.84]
38,1
[1.50]
45,3
[1.78]
89.65
29,4
[1.16]
47,8
[1.88]
82,6
[3.25]
59,5
[2.34]
21,6
[.85]
17,5
[.69]
53,1
[2.09]
MIN OPERATING
POINT
59,4
[2.34]
MAX OPERATING
POINT
7,9
[.31]
Ø 25,4
[Ø1.00]
28,7
[1.13]
14,7
[.58]
CONDUIT OPENING
LOCATION
DIMS: MM
[IN]
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32]Ø C'BORE X 7,8 [.31] DEPTH
MTG PADS
LSV DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
Figure 15. MICRO SWITCH HDLS LSV Series top adjustable
plunger (double pole) dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38