Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSV3K Fiches technique(PDF) 21 Page - Honeywell Solid State Electronics Center

No de pièce LSV3K
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSV3K Fiches technique(HTML) 21 Page - Honeywell Solid State Electronics Center

Back Button LSV3K Datasheet HTML 17Page - Honeywell Solid State Electronics Center LSV3K Datasheet HTML 18Page - Honeywell Solid State Electronics Center LSV3K Datasheet HTML 19Page - Honeywell Solid State Electronics Center LSV3K Datasheet HTML 20Page - Honeywell Solid State Electronics Center LSV3K Datasheet HTML 21Page - Honeywell Solid State Electronics Center LSV3K Datasheet HTML 22Page - Honeywell Solid State Electronics Center LSV3K Datasheet HTML 23Page - Honeywell Solid State Electronics Center LSV3K Datasheet HTML 24Page - Honeywell Solid State Electronics Center LSV3K Datasheet HTML 25Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Sensing and Internet of Things
21
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
Figure 10. MICRO SWITCH HDLS LSC Series (single pole
plunger dimensions
25,4
[1.00]
16,5
[.65]
44,5
[1.75]
74,9
[2.95]
9,4
[.37]
21,6
[.85]
39,6
[1.56]
59,4
[2.34]
70,4
[2.77]
46,0
[1.81]
OPERATING POINT
41,1
[1.62]
29,4
[1.16]
14,7
[.58]
28,7
[1.13]
Ø 25,4
[1.0]
CONDUIT OPENING
LOCATION
LSC SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
39,1
[1.54]
36,6
[1.44]
20,3
[.80]
44,4
[1.75]
75,8
[2.98]
21,6
[.85]
9,4
[.37]
14,7
[.58]
39,6
[1.56]
46,0
[1.81]
OPERATING POINT
28,7
[1.13]
70,4
[2.77]
59,4
[2.34]
29,4
[1.16]
41,1
[1.62]
39,0
[1.54]
Ø 25,4
[1,0]
CONDUIT OPENING
LOCATION
LSC SPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
45,3
[1.78]
26,4
[1.04]
18,8
[.74]
89,7
[3.53]
21,6
[.85]
9,4
[.37]
46,0
[1.81]
OPERATING POINT
39,6
[1.56]
14,7
[.58]
28,7
[1.13]
59,5
[2.34]
82,6
[3.25]
29,4
[1.16]
47,8
[1.88]
Ø 25,4
[1.0]
CONDUIT OPENING
LOCATION
LSC DPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
38,1
[1.50]
45,3
[1.78]
21,3
[0.84]
89,7
[3.53]
21,6
[.85]
9,4
[.37]
46,0
[1.84]
OPERATING POINT
39,6
[1.56]
14,7
[.58]
28,7
[1.13]
59,5
[2.34]
82,6
[3.25]
29,4
[1.16]
47,8
[1.88]
Ø 25,4
[1.50]
CONDUIT OPENING
LOCATION
LSC DPDT NON PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
SPDT Plug-in (mm[in])
SPDT Non-plug-in (mm[in])
DPDT Plug-in (mm[in])
DPDT Non-plug-in (mm[in])
Figure 11. MICRO SWITCH HDLS LSC Series (double pole
plunger dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38