Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSC4L Fiches technique(PDF) 32 Page - Honeywell Solid State Electronics Center

No de pièce LSC4L
Description  MICRO SWITCH Heavy-Duty Limit Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

LSC4L Fiches technique(HTML) 32 Page - Honeywell Solid State Electronics Center

Back Button LSC4L Datasheet HTML 28Page - Honeywell Solid State Electronics Center LSC4L Datasheet HTML 29Page - Honeywell Solid State Electronics Center LSC4L Datasheet HTML 30Page - Honeywell Solid State Electronics Center LSC4L Datasheet HTML 31Page - Honeywell Solid State Electronics Center LSC4L Datasheet HTML 32Page - Honeywell Solid State Electronics Center LSC4L Datasheet HTML 33Page - Honeywell Solid State Electronics Center LSC4L Datasheet HTML 34Page - Honeywell Solid State Electronics Center LSC4L Datasheet HTML 35Page - Honeywell Solid State Electronics Center LSC4L Datasheet HTML 36Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
32 sensing.honeywell.com
MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series
18,8
[.74]
26,4
[1.04]
38,1
[1.50]
45,3
[1.78]
89,7
[3.53]
29,4
[1.16]
47,8
[1.88]
82,6
[3.25]
59,5
[2.34]
21,6
[.85]
330,2
[13.00]
n2,0
[.08]
21,6
[.85]
66,8
[2.63]
15,2
[.60]
26,4
[1.04]
39,6
[1.56]
CONDUIT OPENING
LOCATION
DIMS: MM
[IN]
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH
MTG PADS
16,5
[.65]
25,4
[1.00]
39,0
[1.54]
44,5
[1.75]
74,9
[2.95]
29,4
[1.16]
41,1
[1.62]
59,4
[2.34]
70,4
[2.77]
66,8
[2.63]
330,2
[13.00]
Ø2,0
[.08]
21,6
[.85]
21,6
[.85]
26,4
[1.04]
15,2
[.60]
39,6
[1.56]
CONDUIT OPENING
LOCATION
LSJ SPRING WIRE SPDT PLUG-IN PRODUCT DIMENSIONS
(FOR REFERENCE ONLY)
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
MTG PADS
21,3
[.84]
38,1
[1.50]
45,3
[1.78]
89,7
[3.53]
15,2
[.60]
29,4
[1.16]
47,8
[1.88]
59,5
[2.34]
82,6
[3.25]
26,4
[1.04]
330,2
[13.00]
21,6
[.85]
2,0
[.08]
66,8
[2.63]
21,6
[.85]
39,6
[1.56]
DIMS: MM
[IN]
2X 10-32 UNF
TAPPED FROM REAR ONLY
2X 5,2 [.20] Ø MTG HOLES
8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH
MTG PADS
CONDUIT OPENING
LOCATION
SCALE 1.000
SPDT Plug-in
(mm[in])
DPDT Plug-in
(mm[in])
DPDT Non-plug-in
(mm[in])
Figure 28. MICRO SWITCH HDLS LSJ_ _-7M Series wobble
(single pole) dimensions
20,3
[.80]
36,6 [1.44]
39,0
[1.54]
44,4
[1.75]
75,8
[2.98]
15,2
[.60]
29,4
[1.16]
41,1
[1.62]
59,4
[2.34]
70,4
[2.77]
21,6
[.85]
66,8
[2.63]
26,4
[1.04]
330,2
[13.00]
21,6
[.85]
2,0
[.08]
39,6
[1.56]
CONDUIT OPENING
LOCATION
2X 5,2 [.20] Ø MTG HOLES
2X 10-32 UNF
TAPPED FROM REAR ONLY
DIMS: MM
[IN]
MTG PADS
Figure 29. MICRO SWITCH HDLS LSJ_ _-7M
Series wobble (double pole) dimensions
SPDT Non-plug-in
(mm[in])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com