| Moteur de recherche de fiches techniques de composants électroniques |
|
LSR5A Fiches technique(PDF) 21 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
LSR5A Fiches technique(HTML) 21 Page - Honeywell Solid State Electronics Center |
|
21 / 38 page ![]() Sensing and Internet of Things 21 MICRO SWITCH Heavy-Duty Limit Switch, HDLS Series Figure 10. MICRO SWITCH HDLS LSC Series (single pole plunger dimensions 25,4 [1.00] 16,5 [.65] 44,5 [1.75] 74,9 [2.95] 9,4 [.37] 21,6 [.85] 39,6 [1.56] 59,4 [2.34] 70,4 [2.77] 46,0 [1.81] OPERATING POINT 41,1 [1.62] 29,4 [1.16] 14,7 [.58] 28,7 [1.13] Ø 25,4 [1.0] CONDUIT OPENING LOCATION LSC SPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS 39,1 [1.54] 36,6 [1.44] 20,3 [.80] 44,4 [1.75] 75,8 [2.98] 21,6 [.85] 9,4 [.37] 14,7 [.58] 39,6 [1.56] 46,0 [1.81] OPERATING POINT 28,7 [1.13] 70,4 [2.77] 59,4 [2.34] 29,4 [1.16] 41,1 [1.62] 39,0 [1.54] Ø 25,4 [1,0] CONDUIT OPENING LOCATION LSC SPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS 45,3 [1.78] 26,4 [1.04] 18,8 [.74] 89,7 [3.53] 21,6 [.85] 9,4 [.37] 46,0 [1.81] OPERATING POINT 39,6 [1.56] 14,7 [.58] 28,7 [1.13] 59,5 [2.34] 82,6 [3.25] 29,4 [1.16] 47,8 [1.88] Ø 25,4 [1.0] CONDUIT OPENING LOCATION LSC DPDT PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 9,5 [.37] Ø C'BORE X 7,8 [.31] DEPTH 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS 38,1 [1.50] 45,3 [1.78] 21,3 [0.84] 89,7 [3.53] 21,6 [.85] 9,4 [.37] 46,0 [1.84] OPERATING POINT 39,6 [1.56] 14,7 [.58] 28,7 [1.13] 59,5 [2.34] 82,6 [3.25] 29,4 [1.16] 47,8 [1.88] Ø 25,4 [1.50] CONDUIT OPENING LOCATION LSC DPDT NON PLUG-IN PRODUCT DIMENSIONS (FOR REFERENCE ONLY) 2X 5,2 [.20] Ø MTG HOLES 8,0 [.32] Ø C'BORE X 7,8 [.31] DEPTH 2X 10-32 UNF TAPPED FROM REAR ONLY MTG PADS SPDT Plug-in (mm[in]) SPDT Non-plug-in (mm[in]) DPDT Plug-in (mm[in]) DPDT Non-plug-in (mm[in]) Figure 11. MICRO SWITCH HDLS LSC Series (double pole plunger dimensions |