Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FOMC Fiches technique(PDF) 3 Page - ITT Industries

No de pièce FOMC
Description  Fiber Optic Multi-Channel Connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

FOMC Fiches technique(HTML) 3 Page - ITT Industries

  FOMC Datasheet HTML 1Page - ITT Industries FOMC Datasheet HTML 2Page - ITT Industries FOMC Datasheet HTML 3Page - ITT Industries FOMC Datasheet HTML 4Page - ITT Industries FOMC Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.ittcannon.com
301
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Fiber Optic Multi-Channel Connectors
FOMC
8 Channel
Recommended Panel Cutouts
Square Flange Receptacle
FOMC 2
Plug
FOMC 6
Jam Nut Receptacle
FOMC 7
FOMC 2
FOMC 7
2 and 4 Channel
FOMC 2
FOMC 7
8 Channel
2.50 BSC (63.5)
2.0 BSC (50.8)
1.98 DIA. (50.4)
2.03 DIA.
(51.6)
5.98 (151.8)
5.28 (134.0)
2.64
(67.1)
1.76 DIA.
(44.7)
2.500 DIA.
(63.5)
2.500 DIA.
(63.5)
M48 x 1.5-6g thd.
.200 (5.1) Max. Panel
.200 (5.1) Max. Panel
Polarizing
Flanges
2.02
(51.2)
2.02
(51.2)
1.32
(33.5)
.800 (20.3)
.193
(4.9)
.193 (4.9)
3.96 (100.5)
2.64 (67.1)
1.700 Dia.
(43.2)
Removable Front Insert
M48 x 1.5-6g Thd.
M48 x 1.5-6g Thd.
1.064
BSC
(27.03)
1.064 BSC
(27.03)
2.000 (50.8)
2.000 BSC (50.8)
Ø.253 +
_ .002
Ø.005
Ø.005
CSK B2˚ x .507+/- .010
Ø2.000
(50.8
+.015
-.000
+.038
-.0.0)
1.073 + .010 Dia. (27.25 + 0.25)
-.000
-.000)
1.890 Dia. (48.00 + 0.25)
1.821 + .005
-.000
(48.25 + 0.13)
-0.00)
+.010
-.000
-.000)
.126 +
_ .002 DIA.
CSK 82˚ x .230 +
_ .005
1.073 +.010
-.000
(27.25 + 0.25)
-0.00)
DIA
1.016 + .000
-.005
(25.80 + 0.00
-0.13)
Jarn Nut
5.24 (133.0)
2.02
(51.2)
O-Ring
3.22
(81.8)
.193 (4.9)
1.76 Dia.
(44.7)
1.76 Dia.
(44.7)
.200 (5.1) Max. Panel
2.02 (51.2)
3.96 (100.5)
.193 (4.9)
2.64 (67.1)
1.76 DIA. (44.7)
2.500 (63.5)
2.00 (50.8)
.255 DIA. (6.35)
4 HOLES
Ø.015



Html Pages

1 2 3 4 5