Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCC0LP2 Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BCC0LP2
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LP2 Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BCC0LP2 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LP2 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC S424-S424-6D-338-ES64N9-006-C009
Order Code: BCC0LP2
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 278088
ETIM 6.0: EC001855
BCC0LP2_0.48_2022-08-08
2 / 2
Remarks
Cable construction acc. to UL CMX Outdoor or AWM Style 2463
Enclosure rating per IEC 60529, only in screwed state with the associated mating piece.
Connector Drawings
I
PIN 1: white/orange
PIN 2: white/green
PIN 3: orange
PIN 4: green
II
PIN 1: white/orange
PIN 2: white/green
PIN 3: orange
PIN 4: green
Wiring Diagrams
1) Shield on cover nut



Html Pages

1 2