Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCC0LP1 Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BCC0LP1
Description  Double-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC0LP1 Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BCC0LP1 Datasheet HTML 1Page - Balluff Korea Ltd. BCC0LP1 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Ended Cordsets
BCC S424-E894-8G-672-ES64N9-050-C009
Order Code: BCC0LP1
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 278087
ETIM 6.0: EC001855
BCC0LP1_0.52_2022-08-08
2 / 2
Remarks
Cable construction acc. to UL CMX Outdoor or AWM Style 2463
Enclosure rating per IEC 60529 or ISO 20653, only in screwed state with the associated mating piece.
Connector Drawings
II
PIN 1: white/orange
PIN 2: orange
PIN 3: white/green
PIN 4: n.c.
PIN 5: n.c.
PIN 6: green
PIN 7: n.c.
PIN 8: n.c.
I
PIN 1: white/orange
PIN 2: white/green
PIN 3: orange
PIN 4: green
Wiring Diagrams
1) Shield on cover nut
2) Shield on housing



Html Pages

1 2