| Moteur de recherche de fiches techniques de composants électroniques |
|
RQT8017-R Fiches technique(PDF) 10 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
RQT8017-R Fiches technique(HTML) 10 Page - Panasonic Semiconductor |
|
10 / 71 page ![]() 6 New Feature 6.1. Quick start function(REC) (Note: Descriptions concerning HDD is applied only to models with HDD.) 1. General A few seconds after tuning on the unit,you can start recording to DVD-RAM,HDD. You can switch the operation of this function (ON/OFF) on the menu screen. . 2. Quick start(REC) principle In the power-off at Quick start, only power supplies for video IC,tuner and storage media are cut off. When the REC button is pushed a few second after the power button is pushed, Audio and Video data are stored in DDR SDRAM before a storage media(DVD-RAM or HDD) preparation. *Preparation time → DVD-RAM: Fabout 8seconds After a storage media(DVD-RAM or HDD) preparation,A udio and Video data are transfer from DDR SDRAM to the storage media. 10 DMR-ES10EB / DMR-ES10EC / DMR-ES10EG / DMR-ES10EP / DMR-ES10EBL |