Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RFKBES10EP Fiches technique(PDF) 10 Page - Panasonic Semiconductor

No de pièce RFKBES10EP
Description  DVD Video Recorder Service Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

RFKBES10EP Fiches technique(HTML) 10 Page - Panasonic Semiconductor

Back Button RFKBES10EP Datasheet HTML 6Page - Panasonic Semiconductor RFKBES10EP Datasheet HTML 7Page - Panasonic Semiconductor RFKBES10EP Datasheet HTML 8Page - Panasonic Semiconductor RFKBES10EP Datasheet HTML 9Page - Panasonic Semiconductor RFKBES10EP Datasheet HTML 10Page - Panasonic Semiconductor RFKBES10EP Datasheet HTML 11Page - Panasonic Semiconductor RFKBES10EP Datasheet HTML 12Page - Panasonic Semiconductor RFKBES10EP Datasheet HTML 13Page - Panasonic Semiconductor RFKBES10EP Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
6 New Feature
6.1.
Quick start function(REC)
(Note: Descriptions concerning HDD is applied only to models with HDD.)
1. General
A few seconds after tuning on the unit,you can start recording to DVD-RAM,HDD.
You can switch the operation of this function (ON/OFF) on the menu screen. .
2. Quick start(REC) principle
In the power-off at Quick start, only power supplies for video IC,tuner and storage media are cut off.
When the REC button is pushed a few second after the power button is pushed, Audio and Video data are stored in
DDR SDRAM before a storage media(DVD-RAM or HDD) preparation.
*Preparation time
→ DVD-RAM: Fabout 8seconds
After a storage media(DVD-RAM or HDD) preparation,A udio and Video data are transfer from DDR SDRAM to the
storage media.
10
DMR-ES10EB / DMR-ES10EC / DMR-ES10EG / DMR-ES10EP / DMR-ES10EBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71