| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8821 Fiches technique(PDF) 6 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8821 Fiches technique(HTML) 6 Page - OSRAM GmbH |
|
6 / 37 page ![]() Document Feedback TMF882X Setting Up the EVM Demo Kit Manual • PUBLIC UG000495 • v6-00 • 2022-May-19 36 │ 5 2 Setting Up the EVM This section describes the setup steps necessary to start using the EVM software. 2.1 Setting Up the EVM Hardware The ToF sensor enclosure is already assembled and ready to plug in to a PC. The EVM with the enclosure exposes only one micro-USB connector: Figure 2: EVM with Enclosure On EVMs without enclosure (or if the enclosure has been removed) plug in the micro-USB connector to the USB connector closer to the center of the Raspberry PI Zero W board (see Figure 3) |