Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151CBT7ADTR Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce STM32L151CBT7ADTR
Description  Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151CBT7ADTR Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button STM32L151CBT7ADTR Datasheet HTML 43Page - STMicroelectronics STM32L151CBT7ADTR Datasheet HTML 44Page - STMicroelectronics STM32L151CBT7ADTR Datasheet HTML 45Page - STMicroelectronics STM32L151CBT7ADTR Datasheet HTML 46Page - STMicroelectronics STM32L151CBT7ADTR Datasheet HTML 47Page - STMicroelectronics STM32L151CBT7ADTR Datasheet HTML 48Page - STMicroelectronics STM32L151CBT7ADTR Datasheet HTML 49Page - STMicroelectronics STM32L151CBT7ADTR Datasheet HTML 50Page - STMicroelectronics STM32L151CBT7ADTR Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 130 page
background image
PB4
NJTRST
-
TIM3_CH1
-
-
SPI1_MISO
-
-
-
-
[SEG8]
-
-
-
EVENTOUT
PB5
-
-
TIM3_CH2
-
I2C1_
SMBA
SPI1_MOSI
-
-
-
-
[SEG9]
-
-
-
EVENTOUT
PB6
-
-
TIM4_CH1
-
I2C1_SCL
-
-
USART1_TX
-
-
-
-
-
-
EVENTOUT
PB7
-
-
TIM4_CH2
-
I2C1_SDA
-
-
USART1_RX
-
-
-
-
-
-
EVENTOUT
PB8
-
-
TIM4_CH3 TIM10_CH1*
I2C1_SCL
-
-
-
-
-
SEG16
-
-
-
EVENTOUT
PB9
-
-
TIM4_CH4 TIM11_CH1*
I2C1_SDA
-
-
-
-
-
[COM3]
-
-
-
EVENTOUT
PB10
-
TIM2_CH3
-
-
I2C2_SCL
-
-
USART3_TX
-
-
SEG10
-
-
-
EVENTOUT
PB11
-
TIM2_CH4
-
-
I2C2_SDA
-
-
USART3_RX
-
-
SEG11
-
-
-
EVENTOUT
PB12
-
-
-
TIM10_CH1
I2C2_
SMBA
SPI2_NSS
-
USART3_CK
-
-
SEG12
-
-
-
EVENTOUT
PB13
-
-
-
TIM9_CH1
-
SPI2_SCK
-
USART3_CTS
-
-
SEG13
-
-
-
EVENTOUT
PB14
-
-
-
TIM9_CH2
-
SPI2_MISO
-
USART3_RTS
-
-
SEG14
-
-
-
EVENTOUT
PB15
-
-
-
TIM11_CH1
-
SPI2_MOSI
-
-
-
-
SEG15
-
-
-
EVENTOUT
PC0
-
-
-
-
-
-
-
-
-
-
SEG18
-
-
TIMx_IC1 EVENTOUT
PC1
-
-
-
-
-
-
-
-
-
-
SEG19
-
-
TIMx_IC2 EVENTOUT
PC2
-
-
-
-
-
-
-
-
-
-
SEG20
-
-
TIMx_IC3 EVENTOUT
PC3
-
-
-
-
-
-
-
-
-
-
SEG21
-
-
TIMx_IC4 EVENTOUT
PC4
-
-
-
-
-
-
-
-
-
-
SEG22
-
-
TIMx_IC1 EVENTOUT
PC5
-
-
-
-
-
-
-
-
-
-
SEG23
-
-
TIMx_IC2 EVENTOUT
PC6
-
-
TIM3_CH1
-
-
-
-
-
-
-
SEG24
-
-
TIMx_IC3 EVENTOUT
PC7
-
-
TIM3_CH2
-
-
-
-
-
-
-
SEG25
-
-
TIMx_IC4 EVENTOUT
PC8
-
-
TIM3_CH3
-
-
-
-
-
-
-
SEG26
-
-
TIMx_IC1 EVENTOUT
PC9
-
-
TIM3_CH4
-
-
-
-
-
-
-
SEG27
-
-
TIMx_IC2 EVENTOUT
Table 10. Alternate function input/output (continued)
Port name
Digital alternate function number
AFIO0
AFIO1
AFIO2
AFIO3
AFIO4
AFIO5
AFOI6
AFIO7
AFI
O8
AFI
O9
AFIO11
AFIO
12
AFIO
13
AFIO14
AFIO15
Alternate function
SYSTEM
TIM2
TIM3/4
TIM9/10/11
I2C1/2
SPI1/2
N/A
USART
1/2/3
N/A
N/A
LCD
N/A
N/A
RI
SYSTEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More