| Moteur de recherche de fiches techniques de composants électroniques |
|
PSGS4M-RJ45S-4413-1M Fiches technique(PDF) 4 Page - Turck, Inc. |
|
|
|||||||||||||||||||||||||||||
PSGS4M-RJ45S-4413-1M Fiches technique(HTML) 4 Page - Turck, Inc. |
|
4 / 8 page ![]() Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs TBEN-S1-8DXP 4 / 8 Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com Accessories It is strongly recommended to use only ready-made Ethernet ca- bles! Ethernet cable (example): M8-M8: PSGS4M-PSGS4M-4413-1M Ident. no. U-55718 M8-RJ45: PSGS4M-RJ45S-4413-1M Ident. no.: U-55725 M8-M12: RSSD-PSGS4M-4413-1M Ident. no.: U-58840 M8 x 1 Ethernet Accessories Actuator and sensor cable/PUR cable (example): M8 - open end ID No. 6625562 PSG3M-2/TXL M8-M8 ID No. 6625665 PKG3M-0,3-PSG3M/TXL ID No. 6627137 PKG3M-3-PSG3M/TXL M8 x 1 I/O Port Accessories Power supply cable (example): M8-M8 2 M (2.0 Amp) PKG 4M-2-PSG 4M Ident. No. U99-10815 M8-M8 2 M (4.0 Amp) PKGC 4M-2-PSGC 4M Ident. No. U-82319 M8 x 1 Voltage Supply |