| Moteur de recherche de fiches techniques de composants électroniques |
|
RT3602AE Fiches technique(PDF) 23 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT3602AE Fiches technique(HTML) 23 Page - Richtek Technology Corporation |
|
23 / 46 page ![]() 23 RT3602AE DS3602AE-00 August 2017 www.richtek.com © Copyright 2017 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Applications information The RT3602AE includes three voltage rails : a single phase synchronous Buck controller, the MAIN VR, a 2/1 multiphase synchronous Buck controller, the auxiliary VR, and a single phase synchronous Buck controller, the VCCSA VR, designed to meet Intel IMVP8 compatible CPUs specification with a serial SVID control interface. The controller uses an ADC to implement all kinds of settings to save total pin number for easy use and increasing PCB space utilization. The RT3602AE is used in notebooks, desktop computers and servers. General loop Function G-NAVPTM Control Mode The RT3602AE adopts the G-NAVPTM controller, which is a current mode constant on-time control with DC offset cancellation. The approach can not only improve DC offset problem for increasing system accuracy but also provide fast transient response. When current feedback signal reaches comp signal, the RT3602AE generates an on- time width to achieve PWM modulation. Figure 1 shows the basic G-NAVPTM behavior waveforms in continuous conduct mode (CCM). Figure 1 (a). G-NAVPTM Behavior Waveforms in CCM in Steady State PWM1 PWM2 PWM3 PWM4 Current feedback signal Comp signal Figure 1 (b). G-NAVPTM Behavior Waveforms in CCM in Load Transient. PWM1 PWM2 PWM3 PWM4 Current feedback signal Comp signal Diode Emulation Mode (DEM) As well-known, the dominate power loss is switching related loss during light load, hence VR needs to be operated in asynchronous mode (or called discontinuous conduct mode, DCM) to reduce switching related loss since switching frequency is dependent on loading in the asynchronous mode. The RT3602AE can operate in diode emulation mode (DEM) to improve light load efficiency. In DEM operation, the behavior of low-side MOSFET(s) needs to work like a diode, that is, the low-side MOSFET(s) will be turned on when the phase voltage is a negative value, i.e. the inductor current follows from Source to Drain of low-side MOSFET(s). And the low-side MOSFET(s) will be turned off when phase voltage is a positive value, i.e. reversed current is not allowed. Figure 2 shows the control behavior in DEM. Figure 3 shows the G-NAVPTM operation in DEM to illustrate the control behaviors. When the load decreases, the discharge time of output capacitors increases during UGATE and LGATE are turned off. Hence, the switching frequency and switching loss will be reduced to improve efficiency in light load condition. |