| Moteur de recherche de fiches techniques de composants électroniques |
|
HT45R36 Fiches technique(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45R36 Fiches technique(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 40 page ![]() Application Circuits R to F Application Circuit C to F Application Circuit 1 HT45R36 Rev. 1.00 21 September 28, 2006 P C 0 ~ P C 7 H T 4 5 R 3 6 O S C 1 O S C 2 C r y s t a l S y s t e m O s c i l l a t o r F o r t h e v a l u e s , s e e t a b l e b e l o w R 1 C 1 C 2 R C S y s t e m O s c i l l a t o r 2 4 k W < R O S C < 1 M W V D D R O S C f S Y S / 4 O S C 1 O S C 2 4 7 0 p F O S C C i r c u i t R E S 0 . 1 m F * 1 0 0 k W V D D V S S 0 . 1 m F V D D 0 . 0 1 m F * 1 0 k W O S C 1 O S C 2 O S C C i r c u i t S e e R i g h t S i d e L E D D i s p l a y P B 0 ~ P B 7 P A 0 / I N T 0 P A 1 / I N T 1 P A 2 / T M R P A 3 ~ P A 7 P D 0 R C O U T I N R R E F C R E F * C R s e n s o r 1 R s e n s o r 2 R C 1 R C 2 R C 1 6 R s e n s o r 1 6 * R P C 0 ~ P C 7 H T 4 5 R 3 6 O S C 1 O S C 2 C r y s t a l S y s t e m O s c i l l a t o r F o r t h e v a l u e s , s e e t a b l e b e l o w R 1 C 1 C 2 R C S y s t e m O s c i l l a t o r 2 4 k W < R O S C < 1 M W V D D R O S C f S Y S / 4 O S C 1 O S C 2 4 7 0 p F O S C C i r c u i t R E S 0 . 1 m F * 1 0 0 k W V D D V S S 0 . 1 m F V D D 0 . 0 1 m F * 1 0 k W O S C 1 O S C 2 O S C C i r c u i t S e e R i g h t S i d e L E D D i s p l a y P B 0 ~ P B 7 P A 0 / I N T 0 P A 1 / I N T 1 P A 2 / T M R P A 3 ~ P A 7 P D 0 R C O U T I N C R E F R R E F * R C s e n s o r 1 C s e n s o r 2 R C 1 R C 2 R C 1 6 C s e n s o r 1 6 * C |