Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP67 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers

No de pièce IP67
Description  IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

IP67 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button IP67 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP67 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Page <13>
V1.0
01/04/20
IP67 DIE-Cast Aluminium Enclosures
With EPDM Continuous Seal
Part Number : MC001193 / MC001217 / MC001269
Part Number Table
Description
Colour
External Dimension
(L × W × H)
(mm)
Part Number
IP67 DIE-Cast Aluminium Enclosures
With EPDM Continuous Seal
Natural
50×45×30
MC001181
90×36×30
MC001170
98×64×34
MC001182
64×58×35
MC001171
55.5×41×31
MC001188
115×65×30
MC001172
125×80×40
MC001183
125×80×57
MC001184
150×63×36.5
MC001185
79.6×74.6×52
MC001189
115×65×55
MC001173
102.5×52.5×25.5
MC001190
115×90×55
MC001174
148×108×75
MC001175
160×100×60
MC001186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16